Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADF4156BRUZ-RL Fiches technique(PDF) 7 Page - Analog Devices

No de pièce ADF4156BRUZ-RL
Description  6 GHz Fractional-N Frequency Synthesizer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADF4156BRUZ-RL Fiches technique(HTML) 7 Page - Analog Devices

Back Button ADF4156BRUZ-RL Datasheet HTML 3Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 4Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 5Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 6Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 7Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 8Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 9Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 10Page - Analog Devices ADF4156BRUZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
ADF4156
Rev. 0 | Page 7 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
PFD = 25 MHz, loop bandwidth = 20 kHz, reference = 100 MHz, ICP = 313 μA, phase noise measurements taken on the Agilent E5500
phase noise system.
10
–40
09
FREQUENCY (GHz)
5
0
–5
–10
–15
–20
–25
–30
–35
12
3456
78
P= 4/5
P= 8/9
Figure 5. RF Input Sensitivity
0
1k
100M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
–160
–180
10k
100k
1M
10M
LOW NOISE MODE
RF = 5800.25MHz, PFD = 25MHz, N = 232,
FRAC = 2, MOD = 200, 20kHz LOOP BW, ICP = 313µA,
DSB INTEGRATED PHASE ERROR = 0.73° RMS,
PHASE NOISE @ 5kHz = –89.5dBc/Hz,
ZCOMM V940ME03 VCO
Figure 6. Phase Noise and Spurs, Low Noise Mode
0
1k
100M
FREQUENCY (Hz)
–20
–40
–60
–80
–100
–120
–140
–160
–180
10k
100k
1M
10M
LOW SPUR MODE
RF = 5800.25MHz, PFD = 25MHz, N = 232, FRAC = 2,
MOD = 200, 20kHz LOOP BW, ICP = 313µA,
DSB INTEGRATED PHASE ERROR = 1.09° RMS,
PHASE NOISE @ 5kHz = –83dBc/Hz, ZCOMM V940ME03 VCO
Figure 7. Phase Noise and Spurs, Low Spur Mode.
(Note that fractional spurs are removed and only
the integer boundary spur remains in low spur mode.)
6.00
5.65
–100
900
TIME (µs)
5.95
5.90
5.85
5.80
5.75
5.70
0
100
200
300
400
500
600
700
800
CSR OFF
CSR ON
Figure 8. Lock Time for 200 MHz Jump from 5705 MHz to 5905 MHz
with CSR On and Off
5.65
5.60
5.95
5.90
5.85
5.80
5.75
5.70
–100
900
TIME (µs)
0
100
200
300
400
500
600
700
800
CSR ON
CSR OFF
Figure 9. Lock Time for 200 MHz Jump from 5905 MHz to 57905 MHz
with CSR On and Off
VCP (V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
012
345
Figure 10. Charge Pump Output Characteristics


Numéro de pièce similaire - ADF4156BRUZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
153Kb / 3P
   Low Noise, 12 GHz, Microwave Fractional-N Phase-Locked Loop Using an Active Loop Filter and RF Prescaler
REV. A
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
More results

Description similaire - ADF4156BRUZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADF4157 AD-ADF4157_15 Datasheet
348Kb / 24P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. D
ADF4157 AD-ADF4157 Datasheet
399Kb / 20P
   High Resolution 6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com