Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS54550PWPG4 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS54550PWPG4
Description  4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS54550PWPG4 Fiches technique(HTML) 5 Page - Texas Instruments

  TPS54550PWPG4 Datasheet HTML 1Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 2Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 3Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 4Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 5Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 6Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 7Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 8Page - Texas Instruments TPS54550PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
www.ti.com
TPS54550
SLVS623A – MARCH 2006 – REVISED APRIL 2006
ELECTRICAL CHARACTERISTICS (continued)
T
J = -40°C to 125°C, VIN = 4.5 V to 20 V (unless otherwise noted)
PARAMETER
TEST CONDITIOINS
MIN
TYP
MAX
UNIT
Slow Start/ENABLE (SSENA PIN)
Disable low level input voltage
0.5
V
fs = 250 kHz, RT = ground (2)
4.6
Internal slow-start time (10% to 90%)
ms
fs = 500 kHz, RT = Hi-Z(2)
2.3
Pullup current source
1.8
5
10
µA
Pulldown MOSFET
II(SSENA) = 1 mA
0.1
V
POWER GOOD(PWRGD PIN)
Power good threshold
Rising voltage
97%
fs = 250 kHz
4
Rising edge delay(2)
ms
fs = 500 kHz
2
Output saturation voltage
Isink = 1 mA, VIN > 4.5 V
0.05
V
PWRGD
Output saturation voltage
Isink = 100 µA, VIN = 0 V
0.76
V
Open drain leakage current
Voltage on PWRGD = 6 V
3
µA
CURRENT LIMIT
Current limit
VIN = 12 V
7.5
8.5
9.5
A
Current limit Hiccup Time(2)
fs = 500 kHz
4.5
ms
THERMAL SHUTDOWN
Thermal shutdown trip point
165
°C
Thermal shutdown hysteresis(2)
7
°C
LOW SIDE MOSFET DRIVER (LSG PIN)
VIN = 4.5 V, Capacitive load = 1000 pF
15
Turn on rise time, (10%/90%)(2)
ns
VIN = 8 V, Capacitive load = 1000 pF
12
Deadtime(2)
VIN = 12 V
60
ns
VIN = 4.5 V sink/source
7.5
Driver ON resistance
VIN = 12 V sink/source
5
OUTPUT POWER MOSFETS (PH PIN)
Phase node voltage when disabled
DC conditions and no load, SSENA = 0 V
0.5
V
VIN = 4.5 V, Idc = 100 mA
1.13
1.42
Voltage drop, low side FET and diode
V
VIN = 12 V, Idc = 100 mA
1.08
1.38
VIN = 4.5 V, BOOT-PH = 4.5 V, IO = 0.5 A
60
rDS(ON)
High side power MOSFET switch(3)
m
VIN = 12 V, BOOT-PH = 8 V, IO = 0.5 A
40
(2)
Specified by design, not production tested.
(3)
Resistance from VIN to PH pins.
5
Submit Documentation Feedback


Numéro de pièce similaire - TPS54550PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54550 TI-TPS54550 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
More results

Description similaire - TPS54550PWPG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS54550 TI-TPS54550_15 Datasheet
1Mb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 6-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI-TPS54350-EP_15 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350-EP TI1-TPS54350-EP Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET (SWIFT??
TPS54350 TI-TPS54350 Datasheet
437Kb / 27P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FET(SWIFT)
TPS54350PWPR TI-TPS54350PWPR Datasheet
876Kb / 32P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRANTED FET(SWIFT)
TPS54350 TI-TPS54350_15 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTERATED FET (SWIFT)
TPS54350 TI1-TPS54350_16 Datasheet
1Mb / 34P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54352 TI1-TPS54352_16 Datasheet
1Mb / 37P
[Old version datasheet]   4.5-V TO 20-V INPUT, 3-A OUTPUT SYNCHRONOUS PWM SWITCHER WITH INTEGRATER FET
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com