Moteur de recherche de fiches techniques de composants électroniques |
|
AD8397ARZ Fiches technique(PDF) 6 Page - Analog Devices |
|
AD8397ARZ Fiches technique(HTML) 6 Page - Analog Devices |
6 / 16 page AD8397 Rev. 0 | Page 6 of 16 VS = ±12 V or +24 V (@ TA = 25°C, G = +1, RL = 25 Ω, unless otherwise noted). Table 4. Parameter Test Conditions/Comments Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Bandwidth VOUT = 0.1 V p-p 69 MHz 0.1 dB Flatness VOUT = 0.1 V p-p 7.6 MHz Large Signal Bandwidth VOUT = 2.0 V p-p 14 MHz Slew Rate VOUT = 4.0 V p-p 53 V/µs NOISE/DISTORTION PERFORMANCE Distortion (Worst Harmonic) fC = 100 kHz, VOUT = 20 V p-p, G = +5 −84 dBc Input Voltage Noise f = 100 kHz 4.5 nV/√Hz Input Current Noise f = 100 kHz 1.5 pA/√Hz DC PERFORMANCE Input Offset Voltage 1.0 3.0 mV TMIN − TMAX 2.5 mV Input Offset Voltage Match 1.0 2.0 mV Input Bias Current 200 900 nA TMIN − TMAX 1.3 µA Input Offset Current 50 300 nA Open-Loop Gain VOUT = ±3.0 V 90 96 dB INPUT CHARACTERISTICS Input Resistance f = 100 kHz 87 kΩ Input Capacitance 1.4 pF Common-Mode Rejection ∆VCM = ±1 V −85 −96 dB OUTPUT CHARACTERISTICS Output Resistance 0.2 Ω +Swing RLOAD = 100 Ω +11.82 +11.89 VP −Swing RLOAD = 100 Ω −11.83 −11.77 VP Maximum Output Current SFDR ≤ −80 dBc, f = 100 kHz, VOUT = 10 VP, RLOAD = 32 Ω 310 mA POWER SUPPLY Operating Range (Dual Supply) ±1.5 ±12.6 V Supply Current 8.5 11 15 mA/Amp Power Supply Rejection ∆VS = ±0.5 V −76 −86 dB |
Numéro de pièce similaire - AD8397ARZ |
|
Description similaire - AD8397ARZ |