Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDW24A Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce BDW24A
Description  PNP SILICON POWER DARLINGTONS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW24A Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BDW24A Datenblatt HTML 1Page - Bourns Electronic Solutions BDW24A Datenblatt HTML 2Page - Bourns Electronic Solutions BDW24A Datasheet HTML 3Page - Bourns Electronic Solutions BDW24A Datenblatt HTML 4Page - Bourns Electronic Solutions BDW24A Datenblatt HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDW24, BDW24A, BDW24B, BDW24C
PNP SILICON POWER DARLINGTONS
3
P R O D UCT
INFORMA TION
MAY 1989 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
40000
100
1000
10000
TCS125AD
T
C =
-40°C
T
C =
25°C
T
C = 100°C
V
CE =
-3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
-2·0
-1·5
-1·0
-0·5
0
TCS125AE
T
C =
-40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
-0·5
-1·0
-10
-3·0
-2·0
-2·5
-1·0
-1·5
-0·5
TCS125AF
T
C =
-40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BDX34PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BDW94PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
BDV64PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
TIPP115PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
TIPP115PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Transys Electronics
BD896PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
BDX54PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BDX34PNP SILICON POWER DARLINGTONS 1 2 3 4 5 MoreBourns Electronic Solutions
BD646PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Transys Electronics
BDW84PNP SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn