Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

100A Fiches technique(PDF) 4 Page - E-SWITCH

No de pièce 100A
Description  PROCESS SEALED MINIATURE TOGGLE SWITCHES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

100A Fiches technique(HTML) 4 Page - E-SWITCH

  100A Datasheet HTML 1Page - E-SWITCH 100A Datasheet HTML 2Page - E-SWITCH 100A Datasheet HTML 3Page - E-SWITCH 100A Datasheet HTML 4Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
VS2-VS3
VS2-VS3
SERIES 100A SWITCHES
14
PROCESS SEALED MINIATURE TOGGLE SWITCHES
Phone: 763-504-3525
Fax: 763-531-8235
www.e-switch.com info@e-switch.com
Fixed Terminal: Copper alloy with gold plate over
nickel plate
Moving Contact: Copper alloy with gold plate over
nickel plate
Rating: 0.4 Volt-Amps (VA) max. @ 20V max. (AC or DC)
Fixed Terminal: Gold flash over silver plated
copper alloy
Moving Contact: Silver plated copper alloy
Rating: 5 Amps with resistive load @ 120VAC or 28VDC;
2 Amps with resistive load @ 250VAC
.00 [.079]
11.89 [.468]
0.74 [.029]
2.39 [.094]
CONTACT MATERIAL OPTIONS
HARDWARE
HDW2
HDW15
HDW11
P.C. MOUNTING
P.C. MOUNTING
Nut
Locking Ring
Lock Washer
OPTION
DIM. ‘A’
CODE
.460
(11.68)
.630
(16.00)
VS2
VS3
OPTION
DIM. ‘A’
CODE
.460
(11.68)
.630
(16.00)
VS2
VS3
Q
R
SPDT
DPDT
POS. 2
POS. 1
POS. 3
1
25
°
4.70
[.185]
[.320]
E-SWITCH
MARKING ON
OPPOSITE SIDE
5.66
[.223]
0.51
[.020] Typ.
4.70
[.185] Typ.
15.75
5
[.620]
Epoxy Seal
Base
2.67
[.105]
1.27
[.050]
3.18
[.125]
7.62
[.300]
15.75
5
1
[.620]
9.40
[.370]
3.18
[.125]
1.85 [.073]
HOLE (7 PL)
3.18
[.125]
9.40
[.370]
15.75
5
[.620]
1.85 [.073]
HOLE (7 PL)
POS. 3
POS. 2
POS. 1
BRACKET
CRIMPED
7.62
[.300]
3.18
[.125]
1.27
[.050]
A
2.67
[.105]
Epoxy Seal
Base
15.75
5
[.620]
4.70
[.185] Typ.
0.51
[.020] Typ.
5.66
[.223]
E-SWITCH
MARKING ON
OPPOSITE SIDE
25°
8.13
[.320]
4.70
[.185]
PP 01-24 Toggle.qxd
5/6/02
1:51 PM
Page 14


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
E101MD1ABE Sealed Miniature Toggle Switches 1  2  3  4  5  More ITT Industries
E101J1ABE22 Sealed Miniature Rocker and Lever Handle Switches 1  2  3  4  5  More ITT Industries
ES40-T Sealed Sub-Miniature Toggle Switches 1  2  3  4  5  DB Lectro Inc
GT11MCBE Sealed Ultraminiature Toggle Switches 1  2  3  4  5  ITT Industries
ES40-R Sealed Sub-Miniature Rocker Switches 1  2  3  DB Lectro Inc
T101SHZQE Subminiature Toggle Switches 1  2  3  4  5  More List of Unclassifed Manufacturers
MMGGD1P0C Miniature Subminiature Precision Snap-acting Switches 1  2  3  ITT Industries
KSI Sealed Tact Switches 1  2  3  ITT Industries
TS3Y Surface Mount Miniature Trimmers 3mm Single-Turn Cermet Sealed 1  2  Vishay Siliconix

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn