Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU426 Fiches technique(PDF) 5 Page - Bourns Electronic Solutions

No de pièce BU426
Description  NPN SILICON POWER TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BU426 Fiches technique(HTML) 5 Page - Bourns Electronic Solutions

  BU426 Datasheet HTML 1Page - Bourns Electronic Solutions BU426 Datasheet HTML 2Page - Bourns Electronic Solutions BU426 Datasheet HTML 3Page - Bourns Electronic Solutions BU426 Datasheet HTML 4Page - Bourns Electronic Solutions BU426 Datasheet HTML 5Page - Bourns Electronic Solutions BU426 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BU426, BU426A
NPN SILICON POWER TRANSISTORS
5
P R O D UCT
INFORMA TION
AUGUST 1978 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
MAXIMUM SAFE OPERATING REGIONS
Figure 7.
MAXIMUM FORWARD-BIAS
SAFE OPERATING AREA
V
CE - Collector-Emitter Voltage - V
1·0
10
100
1000
0·01
0.1
1·0
10
100
SAP741AA
BU426
BU426A
t
p =
0.2
µs
t
p =
0.5
µs
t
p =
1
µs
t
p =
2
µs
t
p =
6
µs
t
p =
20
µs
DC Operation


Numéro de pièce similaire - BU426

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
BU426 MOSPEC-BU426 Datasheet
103Kb / 3P
   POWER TRANSISTORS(6.0A,375-400V,113W)
logo
Power Innovations Ltd
BU426 POINN-BU426 Datasheet
131Kb / 7P
   NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
BU426 STMICROELECTRONICS-BU426 Datasheet
49Kb / 2P
   HIGH VOLTAGE POWER SWITCH
logo
Transys Electronics
BU426 TRSYS-BU426 Datasheet
716Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU426 SIEMENS-BU426 Datasheet
38Kb / 2P
   NPN SILICON POWER TRANSISTORS
More results

Description similaire - BU426

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com