Moteur de recherche de fiches techniques de composants électroniques |
|
BDX53B Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
BDX53B Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page BDX53, BDX53A, BDX53B, BDX53C NPN SILICON POWER DARLINGTONS 3 P R O D UCT INFORMA TION MAY 1989 - REVISED SEPTEMBER 2002 Specifications are subject to change without notice. TYPICAL CHARACTERISTICS Figure 1. Figure 2. Figure 3. TYPICAL DC CURRENT GAIN vs COLLECTOR CURRENT I C - Collector Current - A 0·5 1·0 10 40000 100 1000 10000 TCS120AG T C = -40°C T C = 25°C T C = 100°C V CE = 3 V t p = 300 µs, duty cycle < 2% COLLECTOR-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT I C - Collector Current - A 0·5 1·0 10 0 0·5 1·0 1·5 2·0 2·5 3·0 TCS120AH T C = -40°C T C = 25°C T C = 100°C t p = 300 µs, duty cycle < 2% I B = I C / 100 BASE-EMITTER SATURATION VOLTAGE vs COLLECTOR CURRENT I C - Collector Current - A 0·5 1·0 10 0·5 1·0 1·5 2·0 2·5 3·0 TCS120AI T C = -40°C T C = 25°C T C = 100°C I B = I C / 100 t p = 300 µs, duty cycle < 2% |
Numéro de pièce similaire - BDX53B |
|
Description similaire - BDX53B |