Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-S0180R Datasheet(Fiches technique) 4 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-S0180R
Description  Switching Chip Diode Series
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-S0180R Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CD1005-S0180R Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-S0180R Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-S0180R Datenblatt HTML 3Page - Bourns Electronic Solutions CD1005-S0180R Datasheet HTML 4Page - Bourns Electronic Solutions CD1005-S0180R Datenblatt HTML 5Page - Bourns Electronic Solutions CD1005-S0180R Datenblatt HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Switching Chip Diode Series - 0603 / 1005
Rating and Characteristic Curves: CDxxxx-S01575
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
1000
100
1
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward Voltage (Volts)
10
125 °C 85 °C
-25 °C
25 °C
0
0.1
1.0
10.0
100.0
0
10
20304050
60
70
80
Reverse Voltage (Volts)
25 °C
85 °C
125 °C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Mounting on glass epoxy PCBs
5.0
4.0
3.0
2.0
1.0
0.0
02
4
6
8
10
12
14
Reverse Voltage (Volts)
F = 100 MHz
Ta = 25 ° C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CD0805-S0180RSwitching Chip Diode Series 1 2 3 4 5 MoreBourns Electronic Solutions
SIDC01D120H6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
SIDC08D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG
SIDC23D120H6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
SIDC56D120E6Fast switching diode chip in EMCON-Technology 1 2 3 4 Infineon Technologies AG
BAV99DUAL SERIES SWITCHING DIODE 1 2 Zowie Technology Corporation
BAV99Silicon Switching Diode Array For high-speed switching Connected in series 1 2 3 4 Siemens Semiconductor Group
SIDC59D170HFast Switching Diode Chip in EMCON3-Technology 1 2 3 4 Infineon Technologies AG
CPD80Switch Diode High Voltage Switching Diode Chip 1 2 Central Semiconductor Corp
SIDC02D60C6Fast switching diode chip in EMCON 3 -Technology 1 2 3 4 Infineon Technologies AG

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn