Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD214A-B120 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions

No de pièce CD214A-B120
Description  Schottky Barrier Rectifier Chip Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B120 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions

  CD214A-B120 Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B120 Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B120 Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B120 Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B120 Datasheet HTML 5Page - Bourns Electronic Solutions CD214A-B120 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD214A-B120 ~ B1100 Schottky Barrier Rectifier Chip Diode
Rating and Characteristic Curves: CD214A-B120, CD214A-B130, CD214A-B140, CD214A-B150 & CD214A-B160
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
0.1
1
10
0.01
0.0
0.2
0.4
0.6
0.8
1.0
1.4
1.6
1.8
Forward Voltage (Volts)
1.2
Tj=75 °C
PULSEWIDTH 300µs
B120 to B140
B150 to B160
100
0.1
1
10
0.001
0.01
0
20
40
60
80
100
140
Percent of Rated Peak Reverse Voltage (%)
120
Tj=25 °C
Tj=100 °C
Tj=125 °C
1.25
1.00
0.75
0.50
0.25
0.00
25
50
75
100
125
150
Lead Temperature (°C)
Single Phase Half Wave 60 Hz
Resistive or Inductive Load
1000
100
200
300
400
500
600
700
800
900
0
020
40
60
80
100
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CD214B-B320 CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
CD214B-B220 CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
CD214B-B120 CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
CD214A-B220 Schottky Barrier Rectifier Chip Diode 1  2  3  4  5  Bourns Electronic Solutions
CD214A-B320 Schottky Barrier Rectifier Chip Diode 1  2  3  4  5  Bourns Electronic Solutions
CD214C-B320 CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
CD1607-B120 Schottky Barrier Rectifier Chip Diode 1  2  3  4  5  Bourns Electronic Solutions
CPD81 Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip 1  2  Central Semiconductor Corp
SB1003EJ SCHOTTKY BARRIER DIODE 30V 1A RECTIFIER 1  2  3  Sanyo Semicon Device
NTE585 Silicon Rectifier Diode Schottky Barrier Fast Switching 1  NTE Electronics

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn