Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


AM15E-1209D Datasheet(Fiches technique) 1 Page - AIMTEC

Numéro de pièce AM15E-1209D
Description  15 watt dc-dc converters
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  AIMTEC [AIMTEC]
Site Internet  http://www.aimtec.ca
Logo 

   
 1 page
background image
TO ORDER CALL 1-888-9-AIMTEC
AM15E Series
15 watt dc-dc converters
FULL SMD TECHNOLOGY
WIDE 2:1 INPUT RANGE
HIGH EFFICIENCY UP TO 92%
LOW PROFILE METAL PACKAGE
INPUT/OUTPUT ISOLATION: 1500VDC
OPERATING TEMPERATURE: -40°C ... +85°C
CONTINUOUS SHORT CIRCUIT PROTECTION
PIN-COMPATIBLE WITH MULTIPLE MANUFACTURERS
GENERAL DESCRIPTION
ELECTRICAL SPECIFICATIONS
All specifications valid at nominal input voltage, full load and +25°C after warm-up time unless otherwise stated.
Our AM15E series is a family of cost effective 15W
single and dual outputs DC/DC converters. These
converters combine nickel-coated copper package with
high performance features such as 1500VDC input/out-
put isolation voltage, continuous short circuit protection
with automatic restart and tight line / load regulation.
Wide range devices operate over 2:1 input voltage range
providing stable output voltage. Input voltages of 12, 24
and 48VDC with output voltages of 3.3, 5, 7.2, 9, 12, 15,
18, 24, ±3.3, ±5, ±7.2, ±9, ±12, ±15, ±18 or ±24VDC.
High performance features include high efficiency oper-
ation up to 92% and output voltage accuracy of ±1%
maximum. All models are package in a low profile
50.8x25.4x10.16mm
nickel-coated
copper
case.
Operation is specified over the full operating
temperature range of -40°C to +85°C with no derating
required. Cooling is by free-air convection.
MTBF: > 780,000 hrs @ 25°C (MIL-HDBK-217F)
Specifications are subject to change without notification
Isolation Specifications:
Rated voltage (60 sec)
1500VDC
Resistance
> 1000MOhm
Capacitance
500pF, typ.
Output Specifications:
Voltage accuracy
±1%, max.
Voltage balance (Dual Output)
±1%
Ripple and noise (at 20MHz BW) ±100mVp-p, max.
Short circuit protection
Continuous
Short circuit restart
Automatic
Line voltage regulation
±0.5%, max.
Load voltage regulation
±0.5%, max.
Temperature coefficient
±0.02%/°C, typ.
Over load protection
130%, typ. 100% load
Input Specifications:
Voltage range
12VDC, 9~18VDC
24VDC, 18~36VDC
48VDC, 36~72VDC
Filter
Capacitor
Environmental Specifications:
Operating temperature (ambient) -40°C ... +85°C
Storage temperature
-40°C ... +125°C
Case Temperature
+100°C, max.
Derating
None required
Humidity (non-condensing)
Up to 90%
Cooling
Free-air Convection
Physical Specifications:
Dimensions
50.8x25.4x10.16mm
2.00x1.00x0.40inches
Weight
46g
Case material
Nickel-Coated Copper
General Specifications:
Efficiency
83% to 92%
Switching frequency
200KHz, typ. 100% load
Continued on next page
Picture
Available
Soon




Html Pages

1  2  3 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
IMS77 Watt DC-DC Converters 1 2 3 4 Power-One
UM1500UM1500 SERIES 15 to 20 Watt DC-DC Converters 1 2 List of Unclassifed Manufacturers
AM1P-N1 watt dc-dc converters 1 2 AIMTEC
AM5T5 watt dc-dc converters 1 2 3 AIMTEC
AM15E-C15 watt dc-dc converters 1 2 AIMTEC
AM1L-0505SH30-N1 watt dc-dc converters 1 2 3 4 List of Unclassifed Manufacturers
12H1001-2R50 Watt DC-DC Converters 1 2 3 4 Power-One
IMX15-2515 Watt DC-DC Converters 1 2 3 4 Power-One
AM1S1 watt dc-dc converters 1 2 AIMTEC
AM5T-N5 watt dc-dc converters 1 2 3 AIMTEC

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl