Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDW23B Datasheet(Fiches technique) 3 Page - Bourns Electronic Solutions

Numéro de pièce BDW23B
Description  NPN SILICON POWER DARLINGTONS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW23B Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BDW23B Datenblatt HTML 1Page - Bourns Electronic Solutions BDW23B Datenblatt HTML 2Page - Bourns Electronic Solutions BDW23B Datasheet HTML 3Page - Bourns Electronic Solutions BDW23B Datenblatt HTML 4Page - Bourns Electronic Solutions BDW23B Datenblatt HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BDW23, BDW23A, BDW23B, BDW23C
NPN SILICON POWER DARLINGTONS
3
P R O D UCT
INFORMA TION
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TYPICAL CHARACTERISTICS
Figure 1.
Figure 2.
Figure 3.
TYPICAL DC CURRENT GAIN
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
40000
100
1000
10000
TCS120AD
T
C =
-40°C
T
C =
25°C
T
C = 100°C
V
CE =
3 V
t
p
= 300 µs, duty cycle < 2%
COLLECTOR-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0
0·5
1·0
1·5
2·0
TCS120AE
T
C =
-40°C
T
C =
25°C
T
C = 100°C
t
p
= 300 µs, duty cycle < 2%
I
B
= I
C / 100
BASE-EMITTER SATURATION VOLTAGE
vs
COLLECTOR CURRENT
I
C - Collector Current - A
0·5
1·0
10
0·5
1·0
1·5
2·0
2·5
3·0
TCS120AF
T
C =
-40°C
T
C =
25°C
T
C = 100°C
I
B
= I
C / 100
t
p
= 300 µs, duty cycle < 2%


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
BDT61NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
TIPP110NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
TIPL790NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MoreTransys Electronics
BD895ANPN SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
BDX33NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MoreBourns Electronic Solutions
BDX53NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BDV65NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd
BDW93NPN SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
BDX53NPN SILICON POWER DARLINGTONS 1 2 3 4 5 Bourns Electronic Solutions
BDW23NPN SILICON POWER DARLINGTONS 1 2 3 4 5 MorePower Innovations Ltd

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn