Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

BDW23B Fiches technique(PDF) 5 Page - Bourns Electronic Solutions

No de pièce BDW23B
Description  NPN SILICON POWER DARLINGTONS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BDW23B Fiches technique(HTML) 5 Page - Bourns Electronic Solutions

  BDW23B Datasheet HTML 1Page - Bourns Electronic Solutions BDW23B Datasheet HTML 2Page - Bourns Electronic Solutions BDW23B Datasheet HTML 3Page - Bourns Electronic Solutions BDW23B Datasheet HTML 4Page - Bourns Electronic Solutions BDW23B Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BDW23, BDW23A, BDW23B, BDW23C
NPN SILICON POWER DARLINGTONS
5
P R O D UCT
INFORMA TION
AUGUST 1993 - REVISED SEPTEMBER 2002
Specifications are subject to change without notice.
TO-220
3-pin plastic flange-mount package
This single-in-line package consists of a circuit mounted on a lead frame and encapsulated within a plastic
compound. The compound will withstand soldering temperature with no deformation, and circuit performance
characteristics will remain stable when operated in high humidity conditions. Leads require no additional
cleaning or processing when used in soldered assembly.
MECHANICAL DATA
TO220
ALL LINEAR DIMENSIONS IN MILLIMETERS
ø
1,23
1,32
4,20
4,70
123
0,97
0,61
see Note C
see Note B
10,0
10,4
2,54
2,95
6,0
6,6
14,55
15,90
12,7
14,1
3,5
6,1
1,07
1,70
2,34
2,74
4,88
5,28
3,71
3,96
0,41
0,64
2,40
2,90
VERSION 2
VERSION 1
NOTES: A. The centre pin is in electrical contact with the mounting tab.
B. Mounting tab corner profile according to package version.
C. Typical fixing hole centre stand off height according to package version.
Version 1, 18.0 mm. Version 2, 17.6 mm.
MDXXBE


Html Pages

1  2  3  4  5 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
BDT61 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPP110 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
TIPL790 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Transys Electronics
BD895A NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDX33 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Bourns Electronic Solutions
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDV65 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd
BDW93 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDX53 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  Bourns Electronic Solutions
BDW23 NPN SILICON POWER DARLINGTONS 1  2  3  4  5  More Power Innovations Ltd

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn