Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-B00340R Fiches technique(PDF) 8 Page - Bourns Electronic Solutions

No de pièce CD1005-B00340R
Description  Schottky Barrier Chip Diode Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-B00340R Fiches technique(HTML) 8 Page - Bourns Electronic Solutions

Back Button CD1005-B00340R Datasheet HTML 2Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 3Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 4Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 5Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 6Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 7Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 8Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 9Page - Bourns Electronic Solutions CD1005-B00340R Datasheet HTML 10Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0230
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
1000
1
0.0
0.2
0.3
0.5
0.4
Forward Voltage (Volts)
0.1
10
100
125 °C
85 °C
-25 °C
25 °C
10
100
1000
10000
100000
1000000
10000000
0
5
10
15
20
25
30
35
Reverse Voltage (Volts)
25 °C
85 °C
125 °C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Mounting on glass epoxy PCBs
100.0
40.0
50.0
60.0
70.0
80.0
90.0
30.0
20.0
10.0
0.0
010
515
20
25
30
35
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
CD0805 Schottky Barrier Chip Diode Series - 0805 1  2  3  4  5  More List of Unclassifed Manufacturers
CD214B-B320 CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
CD214B-B220 CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
CD214B-B120 CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode 1  2  3  4  Bourns Electronic Solutions
BAS70-04LT1 Dual Series Schottky Barrier Diode 1  2  3  4  ON Semiconductor
KDR731 SCHOTTKY BARRIER TYPE DIODE SERIES CONNECTION 1  2  KEC(Korea Electronics)
BAS40-04LT1 Dual Series Schottky Barrier Diode 1  2  Leshan Radio Company
CD214A-B120 Schottky Barrier Rectifier Chip Diode 1  2  3  4  5  More Bourns Electronic Solutions
BAS70-04LT1 Dual Series Schottky Barrier Diode 1  2  Leshan Radio Company
CD214A-B220 Schottky Barrier Rectifier Chip Diode 1  2  3  4  5  Bourns Electronic Solutions

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn