Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CD1005-B0130L Datasheet(Fiches technique) 5 Page - Bourns Electronic Solutions

Numéro de pièce CD1005-B0130L
Description  Schottky Barrier Chip Diode Series
Télécharger  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  BOURNS [Bourns Electronic Solutions]
Site Internet  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD1005-B0130L Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  CD1005-B0130L Datenblatt HTML 1Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 2Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 3Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 4Page - Bourns Electronic Solutions CD1005-B0130L Datasheet HTML 5Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 6Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 7Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 8Page - Bourns Electronic Solutions CD1005-B0130L Datenblatt HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
CD0603/1005 Schottky Barrier Chip Diode Series
Rating and Characteristic Curves: CDxxxx-B0130L
Derating Curve
Capacitance Between Terminals
Forward Characteristics
Reverse Characteristics
1000
100
1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
Forward Voltage (Volts)
10
125 °C
85 °C
-25 °C
25 °C
10
100
1000000
1000
10000
100000
0
5
10
15
20
25
30
Reverse Voltage (Volts)
25 °C
85 °C
125 °C
120
100
80
60
40
20
0
0
25
50
75
100
125
150
Ambient Temperature (°C)
Mounting on glass epoxy PCBs
16
8
10
12
14
6
4
2
0
0
5
10
15
20
25
30
Reverse Voltage (Volts)
F = 1 MHz
Ta = 25 °C


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CD0805Schottky Barrier Chip Diode Series - 0805 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CD214B-B320CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode 1 2 3 4 Bourns Electronic Solutions
CD214B-B220CD214B-B220 ~ B260 Schottky Barrier Rectifier Chip Diode 1 2 3 4 Bourns Electronic Solutions
CD214B-B120CD214B-B120 ~ B160 Schottky Barrier Rectifier Chip Diode 1 2 3 4 Bourns Electronic Solutions
BAS70-04LT1Dual Series Schottky Barrier Diode 1 2 3 4 ON Semiconductor
KDR731SCHOTTKY BARRIER TYPE DIODE SERIES CONNECTION 1 2 KEC(Korea Electronics)
BAS40-04LT1Dual Series Schottky Barrier Diode 1 2 Leshan Radio Company
CD214A-B120Schottky Barrier Rectifier Chip Diode 1 2 3 4 5 MoreBourns Electronic Solutions
BAS70-04LT1Dual Series Schottky Barrier Diode 1 2 Leshan Radio Company
CD214A-B220Schottky Barrier Rectifier Chip Diode 1 2 3 4 5 Bourns Electronic Solutions

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn