Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW62 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BAW62
Description  High-speed diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW62 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BAW62 Datasheet HTML 1Page - NXP Semiconductors BAW62 Datasheet HTML 2Page - NXP Semiconductors BAW62 Datasheet HTML 3Page - NXP Semiconductors BAW62 Datasheet HTML 4Page - NXP Semiconductors BAW62 Datasheet HTML 5Page - NXP Semiconductors BAW62 Datasheet HTML 6Page - NXP Semiconductors BAW62 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Sep 17
4
Philips Semiconductors
Product specification
High-speed diode
BAW62
GRAPHICAL DATA
Fig.2
Maximum permissible continuous forward
current as a function of ambient
temperature.
handbook, halfpage
0
100
200
300
200
0
100
MBG448
Tamb (
oC)
IF
(mA)
Device mounted on an FR4 printed-circuit board; lead length 10 mm.
(1) Tj = 175 °C; typical values.
(2) Tj =25 °C; typical values.
(3) Tj =25 °C; maximum values.
Fig.3
Forward current as a function of forward
voltage.
handbook, halfpage
012
600
0
200
400
MBG464
VF (V)
IF
(mA)
(1)
(2)
(3)
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj =25 °C prior to surge.
handbook, full pagewidth
MBG704
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1


Numéro de pièce similaire - BAW62

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BAW62 FAIRCHILD-BAW62 Datasheet
29Kb / 2P
   Small Signal Diode
logo
SynSemi, Inc.
BAW62 SYNSEMI-BAW62 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
NXP Semiconductors
BAW62 NXP-BAW62 Datasheet
226Kb / 9P
   High-speed diode
1996 Sep 17
logo
EIC discrete Semiconduc...
BAW62 EIC-BAW62 Datasheet
83Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
NXP Semiconductors
BAW62 PHILIPS-BAW62_15 Datasheet
226Kb / 9P
   High-speed diode
1996 Sep 17
More results

Description similaire - BAW62

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BA220 PHILIPS-BA220 Datasheet
41Kb / 7P
   High-speed diode
1996 Sep 03
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
   High-speed diode
1999 May 26
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
   High-speed diode
1996 Sep 10
BAS316 PHILIPS-BAS316 Datasheet
64Kb / 12P
   High-speed diode
1998 Mar 26
logo
Leshan Radio Company
LBAS316T1G LRC-LBAS316T1G_15 Datasheet
236Kb / 4P
   High-speed diode
logo
NXP Semiconductors
PMBD6050 PHILIPS-PMBD6050_15 Datasheet
131Kb / 10P
   High-speed diode
2004 Jan 14
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
   HIGH SPEED DIODE
logo
Nexperia B.V. All right...
PMBD6050 NEXPERIA-PMBD6050 Datasheet
313Kb / 1P
   High-speed diode
2004 Jan 14
logo
NXP Semiconductors
BAL74 PHILIPS-BAL74 Datasheet
56Kb / 12P
   High-speed diode
1999 May 26
BAS516 PHILIPS-BAS516 Datasheet
59Kb / 12P
   High-speed diode
1998 Aug 31
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com