Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

743C083150XP Fiches technique(PDF) 3 Page - CTS Corporation

No de pièce 743C083150XP
Description  Chip Resistor Arrays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

743C083150XP Fiches technique(HTML) 3 Page - CTS Corporation

  743C083150XP Datasheet HTML 1Page - CTS Corporation 743C083150XP Datasheet HTML 2Page - CTS Corporation 743C083150XP Datasheet HTML 3Page - CTS Corporation 743C083150XP Datasheet HTML 4Page - CTS Corporation 743C083150XP Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Types of Circuits
741C083
4 Resistors
8 Terminations
741X043
2 Resistors
4 Terminations
741X083
4 Resistors
8 Terminations
741X163
8 Resistors
16 Terminations
745C101
8 Resistors
10 Terminations
745C102
8 Resistors
10 Terminations
PAD 1 Mark
PAD 1 Mark
(Dot)
(Triangle)
742C163
8 Resistors
16 Terminations
742C083
4 Resistors
8 Terminations
742C043
2 Resistors
4 Terminations
745X101
8 R es isto rs
10 T er m ina tio ns
745X102
8 R es isto rs
10 T er m ina tio ns
C om m on Pad
D esignator
50 m il pitch (1.27m m )
N ote: T he Marking Concept for Convex and
C onc ave Series 745 is Different.
742X083
4 Resistors
8 Terminations
743C083
4 Resistors
8 Terminations
743C043
2 Resistors
4 Terminations
744C043
2 Resistors
4 Terminations
746X 101
8 R esistors
10 Term inations
744C083
4 Resistors
8 Terminations
Page
May 2006
CTS Electronic Components
ctscorp.com
3 of 5
www.


Numéro de pièce similaire - 743C083150XP

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
743C083151FP CTS-743C083151FP Datasheet
156Kb / 5P
   Chip Resistor Arrays
743C083151GP CTS-743C083151GP Datasheet
156Kb / 5P
   Chip Resistor Arrays
743C083151JP CTS-743C083151JP Datasheet
156Kb / 5P
   Chip Resistor Arrays
743C083151XP CTS-743C083151XP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Description similaire - 743C083150XP

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
008-0335-0 CTS-008-0335-0 Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com