Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AVC4T774PW-Q100 Fiches technique(PDF) 7 Page - Nexperia B.V. All rights reserved

No de pièce 74AVC4T774PW-Q100
Description  4-bit dual supply translating transceiver; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEXPERIA [Nexperia B.V. All rights reserved]
Site Internet  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AVC4T774PW-Q100 Fiches technique(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74AVC4T774PW-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AVC4T774PW-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Nexperia
74AVC4T774PW-Q100
4-bit dual supply translating transceiver; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Max
Min
Max
Unit
A port; VI or VO = 0 V to 3.6 V;
VCC(A) = 0 V; VCC(B) = 0.8 V to 3.6 V
-
±5
-
±30
μA
IOFF
power-off
leakage
current
B port; VI or VO = 0 V to 3.6 V;
VCC(B) = 0 V; VCC(A) = 0.8 V to 3.6 V
-
±5
-
±30
μA
A port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
10
-
55
μA
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-
8
-
50
μA
VCC(A) = 3.6 V; VCC(B) = 0 V
-
8
-
50
μA
VCC(A) = 0 V; VCC(B) = 3.6 V
-2
-
-12
-
μA
B port; VI = 0 V or VCCI; IO = 0 A
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
10
-
55
μA
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-
8
-
50
μA
VCC(A) = 3.6 V; VCC(B) = 0 V
-2
-
-12
-
μA
VCC(A) = 0 V; VCC(B) = 3.6 V
-
8
-
50
μA
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 0.8 V to 3.6 V;
VCC(B) = 0.8 V to 3.6 V
-
20
-
70
μA
ICC
supply current
A plus B port (ICC(A) + ICC(B));
IO = 0 A; VI = 0 V or VCCI;
VCC(A) = 1.1 V to 3.6 V;
VCC(B) = 1.1 V to 3.6 V
-
16
-
65
μA
ΔICC
additional
supply current
VI = 3.0 V; VCC(A) = VCC(B) = 3.6 V
-
500
-
650
μA
[1] VCCO is the supply voltage associated with the output port.
[2] VCCI is the supply voltage associated with the data input port.
[3] For I/O ports, the parameter IOZ includes the input leakage current.
Table 9. Typical total supply current (ICC(A) + ICC(B))
VCC(B)
VCC(A)
0 V
0.8 V
1.2 V
1.5 V
1.8 V
2.5 V
3.3 V
Unit
0 V
0
0.1
0.1
0.1
0.1
0.1
0.1
μA
0.8 V
0.1
0.1
0.1
0.1
0.1
0.3
1.6
μA
1.2 V
0.1
0.1
0.1
0.1
0.1
0.1
0.8
μA
1.5 V
0.1
0.1
0.1
0.1
0.1
0.1
0.4
μA
1.8 V
0.1
0.1
0.1
0.1
0.1
0.1
0.2
μA
2.5 V
0.1
0.3
0.1
0.1
0.1
0.1
0.1
μA
3.3 V
0.1
1.6
0.8
0.4
0.2
0.1
0.1
μA
74AVC4T774PW_Q100
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 1 — 20 October 2021
7 / 20


Numéro de pièce similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
More results

Description similaire - 74AVC4T774PW-Q100

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
326Kb / 27P
   4-bit dual supply translating transceiver; 3-state
Rev. 2 - 6 February 2020
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
   4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
   4-bit dual supply translating transceiver 3-state
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
   2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
   16-bit dual supply translating transceiver 3-state
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
   1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
   8-bit dual supply translating transceiver; 3-state
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
   16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
   8-bit dual supply translating transceiver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com