Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KB-2965EGW-B Fiches technique(PDF) 1 Page - Kingbright Corporation

No de pièce KB-2965EGW-B
Description  8.89mmx8.89mm LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KINGBRIGHT [Kingbright Corporation]
Site Internet  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB-2965EGW-B Fiches technique(HTML) 1 Page - Kingbright Corporation

  KB-2965EGW-B Datasheet HTML 1Page - Kingbright Corporation KB-2965EGW-B Datasheet HTML 2Page - Kingbright Corporation KB-2965EGW-B Datasheet HTML 3Page - Kingbright Corporation KB-2965EGW-B Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAA1591
REV NO: V.2
DATE: JUN/03/2004
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: L.L.NIE
8.89mmx8.89mm LIGHT BAR
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
Description
The High Efficiency Red source color devices are
made With Gallium Arsenide Phosphide on Gallium
Phosphide Orange Light Emitting Diode.
The Green source color devices are made with Gallium
Phosphide Green Light Emitting Diode.
K B -2965EGW -B
HI GH E FFI CIE NCY RE D
GRE E N
Package Dimensions & Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
KB2655EW 8.89mmx8.89mm LED LIGHT BAR 1  2  3  Kingbright Corporation
BA-2R2UW LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  Yellow Stone Corp
MTLB2135-G Marktech 0.35 Light Bar LEDs 1  Marktech Corporate
MTLB2150-G Marktech 0.50 Light Bar LEDs 1  Marktech Corporate
B-1020X LIGHT BAR 1  List of Unclassifed Manufacturers
MTLB2160-G Marktech 0.53 Light Bar LEDs 1  Marktech Corporate
BA-10R1UD LED LIGHT BAR & BAR GRAPH ARRAYS 1  2  List of Unclassifed Manufacturers
LTA-1000G RECTANGULAR LIGHT BAR 1  2  3  4  5  Lite-On Technology Corporation
MTLB2175-G Marktech 0.75 Light Bar LEDs 1  Marktech Corporate
A-1804X LIGHT BAR 1  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn