Moteur de recherche de fiches techniques de composants électroniques |
|
MC74ACT125M Fiches technique(PDF) 4 Page - ON Semiconductor |
|
MC74ACT125M Fiches technique(HTML) 4 Page - ON Semiconductor |
4 / 8 page MC74AC125, MC74ACT125 http://onsemi.com 4 AC CHARACTERISTICS 74AC 74AC Symbol Parameter VCC* (V) TA = +25°C CL = 50 pF TA = –40°C to +85 °C CL = 50 pF Unit Min Max Min Max tPLH Propagation Delay 3.3 1.0 9.0 1.0 10 ns tPLH gy Data to Output 5.0 1.0 7.0 1.0 7.5 ns tPHL Propagation Delay 3.3 1.0 9.0 1.0 10 ns tPHL gy Data to Output 5.0 1.0 7.0 1.0 7.5 ns tPZH Output Enable 3.3 1.0 10.5 1.0 11 ns tPZH Time 5.0 1.0 7.0 1.0 8.0 ns tPZL Output Enable 3.3 1.0 10 1.0 11 ns tPZL Time 5.0 1.0 8.0 1.0 8.5 ns tPHZ Output Disable 3.3 1.0 10 1.0 10.5 ns tPHZ Time 5.0 1.0 9.0 1.0 9.5 ns tPLZ Output Disable 3.3 1.0 10.5 1.0 11.5 ns tPLZ Time 5.0 1.0 9.0 1.0 9.5 ns *Voltage Range 3.3 V is 3.3 V ±0.3 V. Voltage Range 5.0 V is 5.0 V ±0.5 V. DC CHARACTERISTICS 74ACT 74ACT Symbol Parameter VCC (V) TA = +25°C TA = –40 °C to +85 °C Unit Conditions Typ Guaranteed Limits VIH Minimum High Level 4.5 1.5 2.2 2.0 V VOUT = 0.1 V g Input Voltage 5.5 1.5 2.0 2.0 V or VCC – 0.1 V VIL Maximum Low Level 4.5 1.5 0.8 0.8 V VOUT = 0.1 V Input Voltage 5.5 1.5 0.8 0.8 V or VCC – 0.1 V VOH Minimum High Level 4.5 4.49 4.4 4.4 V IOUT = – 50 µA g Output Voltage 5.5 5.49 5.4 5.4 V *VIN = VIL or VIH 4.5 – 3.86 3.76 V IOH – 24 mA 5.5 – 4.86 4.76 IOH – 24 mA VOL Minimum Low Level 4.5 0.001 0.1 0.1 V IOUT = – 50 µA Output Voltage 5.5 0.001 0.1 0.1 V *VIN = VIL or VIH 4.5 – 0.36 0.44 V IOH – 24 mA 5.5 – 0.36 0.44 – 24 mA IIN Maximum Input 55 – ±01 ±10 µA VI = VCC, GND Leakage Current 5.5 – ±0.1 ±1.0 µA ICC, IOZ VI (OE) = VIL, VIH VI (OE) = VIL, VIH I () IL, IH VI = VCC, GND 5.5 – ±0.5 ±5.0 µA VI = VCC, GND VO = VCC , GND µ VO = VCC, GND ∆ICCT Additional Max. ICC/Input 5.5 0.6 – 1.5 mA VI = VCC – 2.1 V IOLD †Minimum Dynamic Ot t C t 5.5 – – 75 mA VOLD = 1.65 V Max IOHD Output Current 5.5 – – –75 mA VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 – 8.0 80 µA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one input loaded at a time. |
Numéro de pièce similaire - MC74ACT125M |
|
Description similaire - MC74ACT125M |