Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC125DTR2 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC74AC125DTR2
Description  Quad Buffer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC125DTR2 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC74AC125DTR2 Datasheet HTML 1Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 2Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 3Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 4Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 5Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 6Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 7Page - ON Semiconductor MC74AC125DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC125, MC74ACT125
http://onsemi.com
4
AC CHARACTERISTICS
74AC
74AC
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Min
Max
Min
Max
tPLH
Propagation Delay
3.3
1.0
9.0
1.0
10
ns
tPLH
gy
Data to Output
5.0
1.0
7.0
1.0
7.5
ns
tPHL
Propagation Delay
3.3
1.0
9.0
1.0
10
ns
tPHL
gy
Data to Output
5.0
1.0
7.0
1.0
7.5
ns
tPZH
Output Enable
3.3
1.0
10.5
1.0
11
ns
tPZH
Time
5.0
1.0
7.0
1.0
8.0
ns
tPZL
Output Enable
3.3
1.0
10
1.0
11
ns
tPZL
Time
5.0
1.0
8.0
1.0
8.5
ns
tPHZ
Output Disable
3.3
1.0
10
1.0
10.5
ns
tPHZ
Time
5.0
1.0
9.0
1.0
9.5
ns
tPLZ
Output Disable
3.3
1.0
10.5
1.0
11.5
ns
tPLZ
Time
5.0
1.0
9.0
1.0
9.5
ns
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.
DC CHARACTERISTICS
74ACT
74ACT
Symbol
Parameter
VCC
(V)
TA = +25°C
TA =
–40
°C to
+85
°C
Unit
Conditions
Typ
Guaranteed Limits
VIH
Minimum High Level
4.5
1.5
2.2
2.0
V
VOUT = 0.1 V
g
Input Voltage
5.5
1.5
2.0
2.0
V
or VCC – 0.1 V
VIL
Maximum Low Level
4.5
1.5
0.8
0.8
V
VOUT = 0.1 V
Input Voltage
5.5
1.5
0.8
0.8
V
or VCC – 0.1 V
VOH
Minimum High Level
4.5
4.49
4.4
4.4
V
IOUT = – 50 µA
g
Output Voltage
5.5
5.49
5.4
5.4
V
*VIN = VIL or VIH
4.5
3.86
3.76
V
IOH
– 24 mA
5.5
4.86
4.76
IOH
– 24 mA
VOL
Minimum Low Level
4.5
0.001
0.1
0.1
V
IOUT = – 50 µA
Output Voltage
5.5
0.001
0.1
0.1
V
*VIN = VIL or VIH
4.5
0.36
0.44
V
IOH
– 24 mA
5.5
0.36
0.44
– 24 mA
IIN
Maximum Input
55
±01
±10
µA
VI = VCC, GND
Leakage Current
5.5
±0.1
±1.0
µA
ICC,
IOZ
VI (OE) = VIL, VIH
VI (OE) = VIL, VIH
I ()
IL, IH
VI = VCC, GND
5.5
±0.5
±5.0
µA
VI = VCC, GND
VO = VCC , GND
µ
VO = VCC, GND
∆ICCT
Additional Max. ICC/Input
5.5
0.6
1.5
mA
VI = VCC – 2.1 V
IOLD
†Minimum Dynamic
Ot
t C
t
5.5
75
mA
VOLD = 1.65 V Max
IOHD
Output Current
5.5
–75
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent Supply Current
5.5
8.0
80
µA
VIN = VCC or GND
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one input loaded at a time.


Numéro de pièce similaire - MC74AC125DTR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC125DTR2 ONSEMI-MC74AC125DTR2 Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC74AC125DTR2G ONSEMI-MC74AC125DTR2G Datasheet
142Kb / 9P
   Quad Buffer with 3?뭆tate Outputs
October, 2006 ??Rev. 7
MC74AC125DTR2G ONSEMI-MC74AC125DTR2G Datasheet
91Kb / 8P
   Quad Buffer with 3-State Outputs
January, 2015 ??Rev. 8
More results

Description similaire - MC74AC125DTR2

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
74AC125MTCX FAIRCHILD-74AC125MTCX Datasheet
310Kb / 10P
   Quad Buffer with 3-STATE Outputs
74AC125 FAIRCHILD-74AC125_08 Datasheet
309Kb / 10P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT125 AVG-DV74ACT125 Datasheet
279Kb / 4P
   Quad Buffer with 3-State Outputs
logo
Fairchild Semiconductor
74ABT125 FAIRCHILD-74ABT125 Datasheet
69Kb / 6P
   Quad Buffer with 3-STATE Outputs
logo
Unisonic Technologies
U74ACT125 UTC-U74ACT125_15 Datasheet
174Kb / 6P
   QUAD BUFFER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74AC126 MOTOROLA-MC74AC126 Datasheet
150Kb / 5P
   Quad Buffer With 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com