Moteur de recherche de fiches techniques de composants électroniques |
|
AD1986JSTZ Fiches technique(PDF) 1 Page - Analog Devices |
|
AD1986JSTZ Fiches technique(HTML) 1 Page - Analog Devices |
1 / 52 page AC ’97 SoundMAX CODEC AD1986 Rev. 0 Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 © 2004 Analog Devices, Inc. All rights reserved. FEATURES AC `97 2.3 COMPLIANT FEATURES 6 DAC channels for 5.1 surround S/PDIF output Integrated headphone amplifiers Variable rate audio Double rate audio (Fs = 96 kHz) Greater than 90 dB dynamic range 20-bit resolution on all DACs 20-bit resolution on all ADCs Line-level mono phone input High quality CD input Selectable MIC input w/preamp AUX and line-in stereo inputs External amplifier power down (EAPD) Power management modes Jack sensing and device identification 48-pin LQFP package ENHANCED FEATURES Integrated parametric equalizer Stereo microphone with up to 30 dB gain boost Integrated PLL for system clocking Variable sample rate: 7 kHz to 96 kHz 7 kHz to 48 kHz in 1 Hz increments 96 kHz for double rate audio Jack sense with auto topology switching Jack presence detection on up to 8 jacks Three software-controlled VREF_OUT signals Software-enabled outputs for jack sharing Auto-down mix and channel spreading Microphone-to-mono output Stereo microphone pass-through to mixer Built-in microphone/center/LFE/line-in sharing Built-in SURROUND/LINE_IN sharing Center/LFE line swapping Microphone swapping Reduced support component count General purpose digital output pin (GPO) Separate LINE_OUT and HP_OUT pins Headphone drivers on LINE_OUT and HP_OUT pins Independent headphone/LINE_OUT operation |
Numéro de pièce similaire - AD1986JSTZ |
|
Description similaire - AD1986JSTZ |