Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9259 Fiches technique(PDF) 7 Page - Analog Devices

No de pièce AD9259
Description  Quad, 14-bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9259 Fiches technique(HTML) 7 Page - Analog Devices

Back Button AD9259 Datasheet HTML 3Page - Analog Devices AD9259 Datasheet HTML 4Page - Analog Devices AD9259 Datasheet HTML 5Page - Analog Devices AD9259 Datasheet HTML 6Page - Analog Devices AD9259 Datasheet HTML 7Page - Analog Devices AD9259 Datasheet HTML 8Page - Analog Devices AD9259 Datasheet HTML 9Page - Analog Devices AD9259 Datasheet HTML 10Page - Analog Devices AD9259 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
AD9259
Rev. 0 | Page 7 of 52
TIMING DIAGRAMS
DCO–
DCO+
D–
D+
FCO–
FCO+
AIN
CLK–
CLK+
MSB
N – 10
D12
N – 10
D11
N – 10
D10
N – 10
D9
N – 10
D8
N – 10
D7
N – 10
D6
N – 10
D5
N – 10
D4
N – 10
D3
N – 10
D2
N – 10
D0
N – 10
D1
N – 10
D12
N – 9
MSB
N – 9
N – 1
tA
N
tDATA
tFRAME
tFCO
tPD
tCPD
tEH
tEL
Figure 2. 14-Bit Data Serial Stream (Default)
DCO–
DCO+
D–
D+
FCO–
FCO+
AIN
CLK–
CLK+
MSB
N – 10
D10
N – 10
D9
N – 10
D8
N – 10
D7
N – 10
D6
N – 10
D5
N – 10
D4
N – 10
D3
N – 10
D2
N – 10
D1
N – 10
D0
N – 10
D10
N – 9
MSB
N – 9
N – 1
N
tDATA
tFRAME
tFCO
tPD
tCPD
tEH
tA
tEL
Figure 3. 12-Bit Data Serial Stream


Numéro de pièce similaire - AD9259

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9259 AD-AD9259 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259-50EB1 AD-AD9259-50EB1 Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9259-50EBZ AD-AD9259-50EBZ Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZ-50 AD-AD9259ABCPZ-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
AD9259ABCPZRL7-50 AD-AD9259ABCPZRL7-50 Datasheet
1Mb / 53P
   Serial LVDS 1.8 V ADC
More results

Description similaire - AD9259

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9252 AD-AD9252 Datasheet
2Mb / 52P
   Octal, 14-Bit, 50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9287 AD-AD9287 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9222 AD-AD9222 Datasheet
2Mb / 56P
   Octal, 12-Bit, 40/50 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com