Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9380 Fiches technique(PDF) 8 Page - Analog Devices

No de pièce AD9380
Description  Analog/HDMI Dual-Display Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9380 Fiches technique(HTML) 8 Page - Analog Devices

Back Button AD9380 Datasheet HTML 4Page - Analog Devices AD9380 Datasheet HTML 5Page - Analog Devices AD9380 Datasheet HTML 6Page - Analog Devices AD9380 Datasheet HTML 7Page - Analog Devices AD9380 Datasheet HTML 8Page - Analog Devices AD9380 Datasheet HTML 9Page - Analog Devices AD9380 Datasheet HTML 10Page - Analog Devices AD9380 Datasheet HTML 11Page - Analog Devices AD9380 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
AD9380
Rev. 0 | Page 8 of 60
Pin Type
Pin No.
Mnemonic
Function
Value
OUTPUTS
92 to 99
RED [7:0]
Outputs of Red Converter, Bit 7 is MSB
VDD
2 to 9
GREEN [7:0]
Outputs of Green Converter, Bit 7 is MSB
VDD
12 to 19
BLUE [7:0]
Outputs of Blue Converter, Bit 7 is MSB
VDD
89
DATACK
Data Output Clock
VDD
87
HSOUT
HSYNC Output Clock (Phase-Aligned with DATACK)
VDD
85
VSOUT
VSYNC Output Clock (Phase-Aligned with DATACK)
VDD
86
SOGOUT
SOG Slicer Output
VDD
84
O/E FIELD
Odd/Even Field Output
VDD
REFERENCES
57
FILT
Connection for External Filter Components For PLL
POWER SUPPLY
80, 76, 72,
67, 45, 33
VD
Analog Power Supply and DVI Terminators
3.3 V
100, 90, 10
VDD
Output Power Supply
1.8 V to 3.3 V
59, 56, 54
PVDD
PLL Power Supply
1.8 V
48, 32, 30
DVDD
Digital Logic Power Supply
1.8 V
GND
Ground
0 V
CONTROL
82
SCL
Serial Port Data Clock
3.3 V CMOS
83
SDA
Serial Port Data I/O
3.3 V CMOS
HDCP
49
DDCSCL
HDCP Slave Serial Port Data Clock
3.3 V CMOS
50
DDCSDA
HDCP Slave Serial Port Data I/O
3.3 V CMOS
51
PU2
Should be tied to 3.3 V through a 10 kΩ resistor
3.3 V CMOS
52
PU1
Should be tied to 3.3 V through a 10 kΩ resistor
3.3 V CMOS
AUDIO DATA OUTPUTS
28
S/PDIF
S/PDIF Digital Audio Output
VDD
27
I2S0
I2S Audio (Channel 1, Channel 2)
VDD
26
I2S1
I2S Audio (Channel 3, Channel 4)
VDD
25
I2S2
I2S Audio (Channel 5, Channel 6)
VDD
24
I2S3
I2S Audio (Channel 7, Channel 8)
VDD
20
MCLKIN
External Reference Audio Clock In
VDD
21
MCLKOUT
Audio Master Clock Output
VDD
22
SCLK
Audio Serial Clock Output
VDD
23
LRCLK
Data Output Clock for Left And Right Audio Channels
VDD
DIGITAL VIDEO DATA
TMDS
34
Rx0−
Digital Input Channel 0 Complement
TMDS
35
Rx0+
Digital Input Channel 0 True
37
Rx1−
Digital Input Channel 1 Complement
TMDS
38
Rx1+
Digital Input Channel 1 True
40
Rx2−
Digital Input Channel 2 Complement
41
Rx2+
Digital Input Channel 2 True
TMDS
DIGITAL VIDEO CLOCK
INPUTS
43
RxC+
Digital Data Clock True
TMDS
44
RxC−
Digital Data Clock Complement
TMDS
DATA ENABLE
88
DE
Data Enable
3.3 V CMOS
RTERM
46
RTERM
Sets Internal Termination Resistance
500 Ω


Numéro de pièce similaire - AD9380

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
More results

Description similaire - AD9380

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD9380 AD-AD9380_15 Datasheet
1Mb / 60P
   Analog/HDMI Dual-Display Interface
REV. 0
AD9880 AD-AD9880 Datasheet
1Mb / 64P
   Analog/HDMI Dual Display Interface
REV. 0
AD9381 AD-AD9381 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398_15 Datasheet
886Kb / 44P
   HDMI Display Interface
REV. 0
AD9381 AD-AD9381_15 Datasheet
747Kb / 44P
   HDMI Display Interface
REV. 0
AD9398 AD-AD9398 Datasheet
886Kb / 44P
   HDMI??Display Interface
REV. 0
AD9396 AD-AD9396 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9396 AD-AD9396_15 Datasheet
842Kb / 48P
   Analog/DVI Dual-Display Interface
REV. 0
AD9393 AD-AD9393 Datasheet
797Kb / 40P
   Low Power HDMI Display Interface
REV. 0
logo
List of Unclassifed Man...
41727001X2X-3 ETC2-41727001X2X-3 Datasheet
673Kb / 37P
   PC, HDMI, DISPLAY PORT INTERFACE CONTROLLER FOR TFT PANEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com