Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THS4508 Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce THS4508
Description  WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

THS4508 Fiches technique(HTML) 12 Page - Texas Instruments

Back Button THS4508 Datasheet HTML 8Page - Texas Instruments THS4508 Datasheet HTML 9Page - Texas Instruments THS4508 Datasheet HTML 10Page - Texas Instruments THS4508 Datasheet HTML 11Page - Texas Instruments THS4508 Datasheet HTML 12Page - Texas Instruments THS4508 Datasheet HTML 13Page - Texas Instruments THS4508 Datasheet HTML 14Page - Texas Instruments THS4508 Datasheet HTML 15Page - Texas Instruments THS4508 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
www.ti.com
0
-0.2
0
1
2
2.2
4.4
0.2
0.4
1.2
2.4
2.4
4.8
0.4
0.8
1.4
2.8
2.6
5.2
6.4
1.6
3.2
2.8
5.6
0.6
1.2
1.8
3.6
0.8
1.6
2
4
3
6
Gain = 10 dB
R = 200
,
L
W
Output
PD Input
t - Time - (2.5 s/div)
m
-0.5
0
1
1.5
2
2.5
3
1
0
0.5
2
6
3
7
8
4
9
5
10
V
- Commom-Mode Input Voltage - V
IC
−10
0
10
20
30
40
50
60
70
80
90
1
100
10 k
1 M
100 M
10 G
−250
−200
−150
−100
−50
0
50
Gain
Phase
f − Frequency − Hz
100
10
1
0.1
0.01
1
f - Frequency - Hz
10
In
Vn
17
20
14
18
21
15
19
22
16
13
12
20
0
40
60
80
100 120
140
160 180
200
f - Frequency - MHz
G = 6 dB
G = 10 dB
G = 14 dB
G = 20 dB
50-
System
W
3.75
4
5
4.25
5.25
4.75
4.5
28
34
30
36
40
42
32
38
44
V - Supply Voltage - V
S
T = 25 C
A
o
T = -40 C
A
o
T = 85 C
A
o
THS4508
SLAS459A – SEPTEMBER 2005 – REVISED FEBRUARY 2006
TURN-ON TIME
INPUT OFFSET VOLTAGE vs CM INPUT VOLTAGE
Figure 32.
Figure 33.
OPEN LOOP GAIN AND PHASE vs FREQUENCY
INPUT REFERRED NOISE vs FREQUENCY
Figure 34.
Figure 35.
NOISE FIGURE vs FREQUENCY
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 36.
Figure 37.
12
Submit Documentation Feedback


Numéro de pièce similaire - THS4508

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS4508 TI1-THS4508 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI1-THS4508 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
THS4508 TI1-THS4508 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
More results

Description similaire - THS4508

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
THS4509 TI-THS4509 Datasheet
2Mb / 30P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 TI1-THS4511_14 Datasheet
1Mb / 36P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509 NSC-THS4509 Datasheet
1Mb / 42P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
THS4509 TI1-THS4509_14 Datasheet
1Mb / 43P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4509-Q1 TI1-THS4509-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI-THS4513 Datasheet
3Mb / 34P
[Old version datasheet]   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_13 Datasheet
1Mb / 41P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION,FULLY-DIFFERENTIAL AMPLIFIER
THS4513 TI1-THS4513_14 Datasheet
1Mb / 42P
[Old version datasheet]   WIDEBAND, LOW-NOISE, LOW-DISTORTION FULLY-DIFFERENTIAL AMPLIFIER
logo
National Semiconductor ...
THS4509-Q1 NSC-THS4509-Q1 Datasheet
2Mb / 40P
   WIDEBAND LOW-NOISE LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIER
THS4511 NSC-THS4511 Datasheet
1Mb / 35P
   WIDEBAND, LOW-NOISE, LOW-DISTORTION, FULLY-DIFFERENTIAL AMPLIFIER
THS4520 NSC-THS4520 Datasheet
2Mb / 37P
   WIDEBAND, LOW NOISE, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com