Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WHM2535-12AE Fiches technique(PDF) 3 Page - List of Unclassifed Manufacturers

No de pièce WHM2535-12AE
Description  2.5 - 3.5 GHz LOW NOISE AMPLIFIER WHM2535-12AE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

WHM2535-12AE Fiches technique(HTML) 3 Page - List of Unclassifed Manufacturers

  WHM2535-12AE Datasheet HTML 1Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 2Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 3Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 4Page - List of Unclassifed Manufacturers WHM2535-12AE Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.wantcominc.com
REV B
FIG. 3 Noise figure performance at full temperature
FIG. 4 Measured stability factor k
FIG. 5 Block diagram of internal circuit.
FIG. 6 Typical application schematic for WHM2535-12AE
WHM2535-12AE Noise Figure
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.00
2.25
2.50
2.75
3.00
3.25
3.50
Freq (GHz)
25C
-40C
85C
WHM2535-12AE Stability Coefficient k
0
1
1
2
2
3
3
4
4
5
5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Freq (GHz)


Numéro de pièce similaire - WHM2535-12AE

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
WHM2040AE ETC-WHM2040AE Datasheet
269Kb / 5P
   1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE
More results

Description similaire - WHM2535-12AE

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA031-035-40-10 TRANSCOM-TA031-035-40-10 Datasheet
29Kb / 1P
   3.1 - 3.5 GHz Low Noise Amplifier
logo
TriQuint Semiconductor
TGA8061 TRIQUINT-TGA8061 Datasheet
580Kb / 7P
   .1 - 3.5 GHz Low Noise Amplifier
logo
Silicon Storage Technol...
SST12LN01 SST-SST12LN01 Datasheet
289Kb / 11P
   2.4-2.5 GHz Low-Noise Amplifier
logo
API Technologies Corp
QB-446 APITECH-QB-446 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Transcom, Inc.
TA025-035-31-33 TRANSCOM-TA025-035-31-33 Datasheet
17Kb / 1P
   2.5 - 3.5 GHz 2 W Amplifier
logo
API Technologies Corp
QB-445 APITECH-QB-445 Datasheet
107Kb / 2P
   2.5 ??3.5 GHz, 1 Watt Amplifier
logo
Microchip Technology
SST12LN01 MICROCHIP-SST12LN01 Datasheet
227Kb / 12P
   2.4-2.5 GHz WLAN Low-Noise Amplifier
2015
logo
Hittite Microwave Corpo...
HMC392 HITTITE-HMC392 Datasheet
228Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LC4 HITTITE-HMC392LC4 Datasheet
268Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
HMC392LH5 HITTITE-HMC392LH5_09 Datasheet
244Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER, 3.5 - 7.0 GHz
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com