Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS28225DRBT Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS28225DRBT
Description  High-Frequency 4-A Sink Synchronous MOSFET Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS28225DRBT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPS28225DRBT Datasheet HTML 2Page - Texas Instruments TPS28225DRBT Datasheet HTML 3Page - Texas Instruments TPS28225DRBT Datasheet HTML 4Page - Texas Instruments TPS28225DRBT Datasheet HTML 5Page - Texas Instruments TPS28225DRBT Datasheet HTML 6Page - Texas Instruments TPS28225DRBT Datasheet HTML 7Page - Texas Instruments TPS28225DRBT Datasheet HTML 8Page - Texas Instruments TPS28225DRBT Datasheet HTML 9Page - Texas Instruments TPS28225DRBT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
(1)
TPS28225
SLUS710 – MAY 2006
V
DD = 7.2 V, EN/PG pulled up to VDD by 100-kΩ resistor, TA = TJ = –40°C to 125°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
UNDER VOLTAGE LOCKOUT
Rising threshold
VPWM = 0 V
3.2
3.5
3.8
Falling threshold
VPWM = 0 V
2.7
3.0
V
Hysteresis
0.5
BIAS CURRENTS
IDD(off) Bias supply current
VEN/PG = low, PWM pin floating
350
µA
IDD
Bias supply current
VEN/PG = high, PWM pin floating
500
INPUT (PWM)
VPWM = 5 V
185
IPWM
Input current
µA
VPWM = 0 V
–200
PWM 3-state rising threshold(2)
1.0
V
PWM 3-state falling threshold
VPWM PEAK = 5 V
3.4
3.8
4.0
tHLD_R 3-state shutdown Hold-off time
250
ns
TMIN
PWM minimum pulse to force UGATE pulse
CL = 3 nF at UGATE , VPWM = 5 V
30
ENABLE/POWER GOOD (EN/PG)
Enable high rising threshold
PG FET OFF
1.7
2.1
Enable low falling threshold
PG FET OFF
0.8
1.0
V
Hysteresis
0.35
0.70
Power good output
VDD = 2.5 V
0.2
UPPER GATE DRIVER OUTPUT (UGATE)
Source resistance
500 mA source current
1.0
2.0
Source current (2)
VUGATE-PHASE = 2.5 V
2.0
A
tRU
Rise time
CL = 3 nF
10
ns
Sink resistance
500 mA sink current
1.0
2.0
Sink current (2)
VUGATE-PHASE = 2.5 V
2.0
A
tFU
Fall time
CL = 3 nF
10
ns
LOWER GATE DRIVER OUTPUT (LGATE)
Source resistance
500 mA source current
1.0
2.0
Source current(2)
VLGATE = 2.5 V
2.0
A
tRL
Rise time(2)
CL = 3 nF
10
ns
Sink resistance
500 mA sink current
0.4
1.0
Sink current(2)
VLGATE = 2.5 V
4.0
A
Fall time(2)
CL = 3 nF
5
ns
SWITCHING TIME
tDLU
UGATE turn-off propagation Delay
CL = 3 nF
14
tDLL
LGATE turn-off propagation Delay
CL = 3 nF
14
ns
tDTU
Dead time LGATE turn-off to UGATE turn-on
CL = 3 nF
14
tDTL
Dead time UGATE turn-off to LGATE turn-on
CL = 3 nF
14
BOOTSTRAP DIODE
VF
Forward voltage
Forward bias current 100 mA
1.0
V
THERMAL SHUTDOWN
Rising threshold(2)
150
160
170
Falling threshold(2)
130
140
150
°C
Hysteresis
20
(1)
Typical values for TA = 25°C
(2)
Not tested in production
6
Submit Documentation Feedback


Numéro de pièce similaire - TPS28225DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28225D TI1-TPS28225D Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225DG4 TI1-TPS28225DG4 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Description similaire - TPS28225DRBT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI-TPS28226 Datasheet
1Mb / 35P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
logo
ON Semiconductor
NCP5351DR2G ONSEMI-NCP5351DR2G Datasheet
225Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
February, 2010 ??Rev. 13
NCP5351 ONSEMI-NCP5351 Datasheet
184Kb / 14P
   4 A Synchronous Buck Power MOSFET Driver
June, 2004 ??Rev. 9
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com