Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5420DG4 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS5420DG4
Description  2-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5420DG4 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS5420DG4 Datasheet HTML 7Page - Texas Instruments TPS5420DG4 Datasheet HTML 8Page - Texas Instruments TPS5420DG4 Datasheet HTML 9Page - Texas Instruments TPS5420DG4 Datasheet HTML 10Page - Texas Instruments TPS5420DG4 Datasheet HTML 11Page - Texas Instruments TPS5420DG4 Datasheet HTML 12Page - Texas Instruments TPS5420DG4 Datasheet HTML 13Page - Texas Instruments TPS5420DG4 Datasheet HTML 14Page - Texas Instruments TPS5420DG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ti.com
Design Procedure
DVIN =
()
IOUT(MAX) x0.25
+IOUT(MAX)
MAX
xESR
CBULK
SW
x
ƒ
(2)
TPS5420
SLVS642A – APRIL 2006 – REVISED AUGUST 2006
APPLICATION INFORMATION (continued)
The following design procedure can be used to select component values for the TPS5420. Alternately, the
SWIFT™ Designer Software may be used to generate a complete design. The SWIFT™ Designer Software
uses an iterative design procedure and accesses a comprehensive database of components when generating a
design. This section presents a simplified discussion of the design process.
To begin the design process, a few parameters must be determined. The designer must know the following:
Input voltage range
Output voltage
Input ripple voltage
Output ripple voltage
Output current rating
Operating frequency
Design Parameters
For this design example, use the following as the input parameters:
DESIGN PARAMETER(1)
EXAMPLE VALUE
Input voltage range
10 V to 36 V
Output voltage
5 V
Input ripple voltage
300 mV
Output ripple voltage
30 mV
Output current rating
2 A
Operating frequency
500 kHz
(1)
As an additional constraint, the design is set up to be small size and low component height.
Switching Frequency
The switching frequency for the TPS5420 is internally set to 500 kHz. It is not possible to adjust the switching
frequency.
Input Capacitors
The TPS5420 requires an input decoupling capacitor and, depending on the application, a bulk input capacitor.
The recommended value for the decoupling capacitor is 10
µF. A high quality ceramic type X5R or X7R is
required. For some applications, a smaller value decoupling capacitor may be used, if the input voltage and
current ripple ratings are not exceeded. The voltage rating must be greater than the maximum input voltage,
including ripple. For this design, two 4.7
µF capacitors, C1 and C4 are used to allow for smaller 1812 case size
to be used while maintaining a 50 V rating.
This input ripple voltage can be approximated by Equation 2 :
Where IOUT(MAX) is the maximum load current, fSW is the switching frequency, CI is the input capacitor value and
ESRMAX is the maximum series resistance of the input capacitor.
The maximum RMS ripple current also needs to be checked. For worst case conditions, this is approximated by
Equation 3:
11
Submit Documentation Feedback


Numéro de pièce similaire - TPS5420DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420 TI-TPS5420 Datasheet
71Kb / 4P
[Old version datasheet]   SWIFT Converter Product Portfolio
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
More results

Description similaire - TPS5420DG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5420-EP TI-TPS5420-EP_09 Datasheet
613Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI-TPS5420-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP Datasheet
647Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-Q1 TI1-TPS5420-Q1 Datasheet
565Kb / 22P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5420-EP TI-TPS5420-EP_15 Datasheet
743Kb / 23P
[Old version datasheet]   2-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5410-EP TI-TPS5410-EP Datasheet
768Kb / 24P
[Old version datasheet]   1-A WIDE INPUT RANGE STEP-DOWN SWIFT CONVERTER
TPS5450-EP TI1-TPS5450-EP Datasheet
890Kb / 24P
[Old version datasheet]   5-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
TPS5410 TI-TPS5410 Datasheet
600Kb / 4P
[Old version datasheet]   1-A, WIDE INPUT RANGE, STEP-DOWN SWIFT CONVERTER
TPS5430-EP TI1-TPS5430-EP Datasheet
914Kb / 28P
[Old version datasheet]   3-A WIDE-INPUT-RANGE STEP-DOWN SWIFT??CONVERTER
TPS5431 TI1-TPS5431 Datasheet
1Mb / 32P
[Old version datasheet]   3-A, WIDE INPUT RANGE, STEP-DOWN SWIFT??CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com