Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

87LPC764 Fiches technique(PDF) 45 Page - NXP Semiconductors

No de pièce 87LPC764
Description  Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

87LPC764 Fiches technique(HTML) 45 Page - NXP Semiconductors

Back Button 87LPC764 Datasheet HTML 41Page - NXP Semiconductors 87LPC764 Datasheet HTML 42Page - NXP Semiconductors 87LPC764 Datasheet HTML 43Page - NXP Semiconductors 87LPC764 Datasheet HTML 44Page - NXP Semiconductors 87LPC764 Datasheet HTML 45Page - NXP Semiconductors 87LPC764 Datasheet HTML 46Page - NXP Semiconductors 87LPC764 Datasheet HTML 47Page - NXP Semiconductors 87LPC764 Datasheet HTML 48Page - NXP Semiconductors 87LPC764 Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 56 page
background image
Philips Semiconductors
Preliminary data
87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2001 Oct 26
42
Additional Features
The AUXR1 register contains several special purpose control bits that
relate to several chip features. AUXR1 is described in Figure 35.
Software Reset
The SRST bit in AUXR1 allows software the opportunity to reset the
processor completely, as if an external reset or watchdog reset had
occurred. If a value is written to AUXR1 that contains a 1 at bit
position 3, all SFRs will be initialized and execution will resume at
program address 0000. Care should be taken when writing to
AUXR1 to avoid accidental software resets.
Dual Data Pointers
The dual Data Pointer (DPTR) adds to the ways in which the
processor can specify the address used with certain instructions.
The DPS bit in the AUXR1 register selects one of the two Data
Pointers. The DPTR that is not currently selected is not accessible
to software unless the DPS bit is toggled.
Specific instructions affected by the Data Pointer selection are:
INC DPTR
Increments the Data Pointer by 1.
JMP @A+DPTR
Jump indirect relative to DPTR value.
MOV DPTR, #data16 Load the Data Pointer with a 16-bit
constant.
MOVC A, @A+DPTR Move code byte relative to DPTR to the
accumulator.
MOVX A, @DPTR
Move data byte the accumulator to data
memory relative to DPTR.
MOVX @DPTR, A
Move data byte from data memory
relative to DPTR to the accumulator.
Also, any instruction that reads or manipulates the DPH and DPL
registers (the upper and lower bytes of the current DPTR) will be
affected by the setting of DPS. The MOVX instructions have limited
application for the 87LPC764 since the part does not have an
external data bus. However, they may be used to access EPROM
configuration information (see EPROM Characteristics section).
Bit 2 of AUXR1 is permanently wired as a logic 0. This is so that the
DPS bit may be toggled (thereby switching Data Pointers) simply by
incrementing the AUXR1 register, without the possibility of
inadvertently altering other bits in the register.
BIT
SYMBOL
FUNCTION
AUXR1.7
KBF
Keyboard Interrupt Flag. Set when any pin of port 0 that is enabled for the Keyboard Interrupt
function goes low. Must be cleared by software.
AUXR1.6
BOD
Brown Out Disable. When set, turns off brownout detection and saves power. See Power
Monitoring Functions section for details.
AUXR1.5
BOI
Brown Out Interrupt. When set, prevents brownout detection from causing a chip reset and allows
the brownout detect function to be used as an interrupt. See the Power Monitoring Functions
section for details.
AUXR1.4
LPEP
Low Power EPROM control bit. Allows power savings in low voltage systems. Set by software. Can
only be cleared by power-on or brownout reset. See the Power Reduction Modes section for
details.
AUXR1.3
SRST
Software Reset. When set by software, resets the 87LPC764 as if a hardware reset occurred.
AUXR1.2
This bit contains a hard-wired 0. Allows toggling of the DPS bit by incrementing AUXR1, without
interfering with other bits in the register.
AUXR1.1
Reserved for future use. Should not be set to 1 by user programs.
AUXR1.0
DPS
Data Pointer Select. Chooses one of two Data Pointers for use by the program. See text for details.
DPS
SU01184
0
SRST
LPEP
BOI
BOD
KBF
0
1
2
3
4
5
6
7
AUXR1
Reset Value: 00h
Not Bit Addressable
Address: A2h
Figure 35. AUXR1 Register


Numéro de pièce similaire - 87LPC764

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
87LPC769 PHILIPS-87LPC769 Datasheet
306Kb / 61P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
More results

Description similaire - 87LPC764

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
   Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
   Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
   Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
   Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
87LPC767 PHILIPS-87LPC767 Datasheet
320Kb / 60P
   Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter
2001 Aug 07
87LPC769 PHILIPS-87LPC769 Datasheet
306Kb / 61P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
   Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
logo
ATMEL Corporation
AT87C5103 ATMEL-AT87C5103_04 Datasheet
697Kb / 64P
   Low-pin Count 8-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com