Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2574N-3.3 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce LM2574N-3.3
Description  0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574N-3.3 Fiches technique(HTML) 4 Page - ON Semiconductor

  LM2574N-3.3 Datasheet HTML 1Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 2Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 3Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 4Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 5Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 6Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 7Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 8Page - ON Semiconductor LM2574N-3.3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM2574
http://onsemi.com
4
SYSTEM PARAMETERS ([Note 3] Test Circuit Figure 16)
ELECTRICAL CHARACTERISTICS (continued) (Unless otherwise specified, Vin = 12 V for the 3.3 V, 5.0 V, and
Adjustable version, Vin = 25 V for the 12 V version, Vin = 30 V for the 15 V version. ILoad = 100 mA. For typical values TJ = 25°C, for
min/max values TJ is the operating junction temperature range that applies [Note 4], unless otherwise noted).
Characteristic
Symbol
Min
Typ
Max
Unit
ALL OUTPUT VOLTAGE VERSIONS
Feedback Bias Current Vout = 5.0 V (Adjustable Version Only)
Ib
nA
TJ = 25°C
25
100
TJ = –40 to +125°C
200
Oscillator Frequency (Note 5)
fO
kHz
TJ = 25°C
52
TJ = 0 to +125°C
47
52
58
TJ = –40 to +125°C
42
63
Saturation Voltage (Iout = 0.5 A, [Note 6])
Vsat
V
TJ = 25°C
1.0
1.2
TJ = –40 to +125°C
1.4
Max Duty Cycle (“on”) (Note 7)
DC
93
98
%
Current Limit Peak Current (Notes 5 and 6)
ICL
A
TJ = 25°C
0.7
1.0
1.6
TJ = –40 to +125°C
0.65
1.8
Output Leakage Current (Notes 8 and 9), TJ = 25°C
IL
mA
Output = 0 V
0.6
2.0
Output = – 1.0 V
10
30
Quiescent Current (Note 8)
IQ
mA
TJ = 25°C
5.0
9.0
TJ = –40 to +125°C
11
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“off”))
Istby
µA
TJ = 25°C
60
200
TJ = –40 to +125°C
400
ON/OFF Pin Logic Input Level
V
Vout = 0 V
VIH
TJ = 25°C
2.2
1.4
TJ = –40 to +125°C
2.4
Nominal Output Voltage
VIL
TJ = 25°C
1.2
1.0
TJ = –40 to +125°C
0.8
ON/OFF Pin Input Current
µA
ON/OFF Pin = 5.0 V (“off”), TJ = 25°C
IIH
15
30
ON/OFF Pin = 0 V (“on”), TJ = 25°C
IIL
0
5.0
3. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system performance.
When the LM2574 is used as shown in the Figure 16 test circuit, the system performance will be as shown in the system parameters section
of the Electrical Characteristics.
4. Tested junction temperature range for the LM2574: Tlow = –40°C Thigh = +125°C.
5. The oscillator frequency reduces to approximately 18 kHz in the event of an output short or an overload which causes the regulated output
voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power dissipation of the
IC by lowering the minimum duty cycle from 5% down to approximately 2%.
6. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin.
7. Feedback (Pin 4) removed from output and connected to 0 V.
8. Feedback (Pin 4) removed from output and connected to 12 V for the Adjustable, 3.3 V, and 5.0 V versions, and 25 V for the 12 V and 15 V
versions, to force the output transistor OFF.
9. Vin = 40 V.


Numéro de pièce similaire - LM2574N-3.3

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2574N-3.3 NSC-LM2574N-3.3 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-3.3 ONSEMI-LM2574N-3.3 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
Texas Instruments
LM2574N-3.3 TI1-LM2574N-3.3 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2574N-3.3 ONSEMI-LM2574N-3.3 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
Texas Instruments
LM2574N-3.3/NOPB TI1-LM2574N-3.3/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Description similaire - LM2574N-3.3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2594 ONSEMI-LM2594 Datasheet
560Kb / 25P
   0.5 A, Step-Down Switching Regulator
January, 2009 ??Rev. 0
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com