Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT652D Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce 74LVT652D
Description  3.3V Octal transceiver/register, non-inverting 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT652D Fiches technique(HTML) 2 Page - NXP Semiconductors

  74LVT652D Datasheet HTML 1Page - NXP Semiconductors 74LVT652D Datasheet HTML 2Page - NXP Semiconductors 74LVT652D Datasheet HTML 3Page - NXP Semiconductors 74LVT652D Datasheet HTML 4Page - NXP Semiconductors 74LVT652D Datasheet HTML 5Page - NXP Semiconductors 74LVT652D Datasheet HTML 6Page - NXP Semiconductors 74LVT652D Datasheet HTML 7Page - NXP Semiconductors 74LVT652D Datasheet HTML 8Page - NXP Semiconductors 74LVT652D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74LVT652
3.3V Octal transceiver/register, non-inverting
(3-State)
2
1998 Feb 19
853-1748 18987
FEATURES
Independent registers for A and B buses
Multiplexed real-time and stored data
3-State outputs
Output capability: +64mA/–32mA
TTL input and output switching levels
Input and output interface capability to systems at 5V supply
Bus-hold data inputs eliminate the need for external pull-up
resistors to hold unused inputs
Live insertion/extraction permitted
No bus current loading when output is tied to 5V bus
Power-up 3-State
Power-up reset
Latch–up protection exceeds 500mA per JEDEC Std 17
ESD protection exceeds 2000V per MIL STD 883 Method 3015
and 200V per Machine Model
DESCRIPTION
The LVT652 is a high-performance BiCMOS product designed for
VCC operation at 3.3V.
This device combines low static and dynamic power dissipation with
high speed and high output drive.
The 74LVT652 transceiver/register consists of bus transceiver
circuits with 3-State outputs, D–type flip-flops, and control circuitry
arranged for multiplexed transmission of data directly from the input
bus or the internal registers. Data on the A or B bus will be clocked
into the registers as the appropriate clock pin goes High. Output
Enable (OEAB, OEBA) and Select (SAB, SBA) pins are provided for
bus management.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
Tamb = 25°C; GND = 0V
TYPICAL
UNIT
tPLH
tPHL
Propagation delay
An to Bn or Bn to An
CL = 50pF;
VCC = 3.3V
2.8
2.6
ns
CIN
Input capacitance
VI = 0V or 3V
4
pF
CI/O
I/O capacitance
Outputs disabled; VI/O = 0V or 3V
10
pF
ICCZ
Total supply current
Outputs disabled; VCC = 3.6V
0.13
mA
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
24-Pin Plastic SOL
–40
°C to +85°C
74LVT652 D
74LVT652 D
SOT137-1
24-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVT652 DB
74LVT652 DB
SOT340-1
24-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVT652 PW
74LVT652PW DH
SOT355-1
PIN CONFIGURATION
VCC
CPBA
SBA
OEBA
B0
B1
B2
B3
B4
B5
B6
B7
CPAB
SAB
OEAB
A0
A1
A2
A3
A4
A5
A6
A7
GND
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
SV00051
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1, 23
CPAB /
CPBA
A to B clock input / B to A
clock input
2, 22
SAB / SBA
A to B select input / B to A
select input
3, 21
OEAB /
OEBA
A to B Output Enable input
(active-High) /
B to A Output Enable input
(active-Low)
4, 5, 6, 7, 8, 9,
10, 11
A0 – A7
Data inputs/outputs (A side)
20, 19, 18, 17,
16, 15, 14, 13
B0 – B7
Data inputs/outputs (B side)
12
GND
Ground (0V)
24
VCC
Positive supply voltage


Numéro de pièce similaire - 74LVT652D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT623 PHILIPS-74LVT623 Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623D PHILIPS-74LVT623D Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623DB PHILIPS-74LVT623DB Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623PW PHILIPS-74LVT623PW Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
74LVT623PWDH PHILIPS-74LVT623PWDH Datasheet
123Kb / 10P
   3.3 V octal transceiver with dual enable 3-State
1999 Jul 09
More results

Description similaire - 74LVT652D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74ABT648 PHILIPS-74ABT648 Datasheet
120Kb / 14P
   Octal transceiver/register, inverting 3-State
1998 Jun 08
74ABT651 PHILIPS-74ABT651 Datasheet
88Kb / 7P
   Octal transceiver/register, inverting 3-State
1995 Sep 06
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74HC648 PHILIPS-74HC648 Datasheet
95Kb / 12P
   Octal bus transceiver/register; 3-state; inverting
December 1990
logo
Motorola, Inc
MC74AC648 MOTOROLA-MC74AC648 Datasheet
255Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (INVERTING)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com