Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74AC352N Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC74AC352N
Description  DUAL 4-INPUT MULTIPLEXER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC352N Fiches technique(HTML) 1 Page - Motorola, Inc

  MC74AC352N Datasheet HTML 1Page - Motorola, Inc MC74AC352N Datasheet HTML 2Page - Motorola, Inc MC74AC352N Datasheet HTML 3Page - Motorola, Inc MC74AC352N Datasheet HTML 4Page - Motorola, Inc MC74AC352N Datasheet HTML 5Page - Motorola, Inc MC74AC352N Datasheet HTML 6Page - Motorola, Inc MC74AC352N Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-1
FACT DATA
Dual 4Input Multiplexer
The MC74AC352/74ACT352 is a very high-speed dual 4-input multiplexer with
common Select inputs and individual Enable inputs for each section. It can select
two bits of data from four sources. The two buffered outputs present data in the
inverted (complementary) form. The MC74AC352/74ACT352 is the functional
equivalent of the MC74AC153/74ACT153 except with inverted outputs.
• Inverted Version of the MC74AC153/74ACT153
• Separate Enables for Each Multiplexer
• Outputs Source/Sink 24 mA
• ′ACT352 Has TTL Compatible Inputs
15
16
14
13
12
11
10
2
1
3
4
5
6
7
VCC
9
8
Eb
S0
I3b
I2b
I1b
I0b
Zb
Ea
S1
I3a
I2a
I1a
I0a
Za
GND
PIN NAMES
I0a–I3a
Side A Data Inputs
I0b–I3b
Side B Data Inputs
S0, S1
Common Select Inputs
Ea
Side A Enable Input
Eb
Side B Enable Input
Za, Zb
Multiplexer Outputs
TRUTH TABLE
Select Inputs
Inputs (a or b)
Output
S0
S1
E
I0
I1
I2
I3
Z
X
X
H
X
X
X
X
H
L
L
L
L
X
X
X
H
L
L
L
H
X
X
X
L
H
L
L
X
L
X
X
H
H
L
L
X
H
X
X
L
L
H
L
X
X
L
X
H
L
H
L
X
X
H
X
L
H
H
L
X
X
X
L
H
H
H
L
X
X
X
H
L
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
MC74AC352
MC74ACT352
DUAL 4-INPUT
MULTIPLEXER
N SUFFIX
CASE 648-08
PLASTIC
D SUFFIX
CASE 751B-05
PLASTIC
LOGIC SYMBOL
S0
S1
Ea I0a I1a I2a I3a
Za
Zb
I0b I1b I2b I3b Eb


Numéro de pièce similaire - MC74AC352N

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74AC352 ONSEMI-MC74AC352 Datasheet
178Kb / 7P
   Dual 4?묲nput Multiplexer
June, 2006 ??Rev. 4
More results

Description similaire - MC74AC352N

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
   Dual 4-Input Multiplexer
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
   Dual 4-Input Multiplexer
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
   Dual 4-input multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
   Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
   Dual 4-input multiplexer
1991 Feb 08
logo
National Semiconductor ...
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
   Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
   Dual 4-Input Multiplexer
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
   DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
   Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
SN54LS352 MOTOROLA-SN54LS352 Datasheet
160Kb / 5P
   DUAL 4-INPUT MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com