Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

MC74AC74 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC74AC74
Description  DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC74AC74 Fiches technique(HTML) 1 Page - Motorola, Inc

  MC74AC74 Datasheet HTML 1Page - Motorola, Inc MC74AC74 Datasheet HTML 2Page - Motorola, Inc MC74AC74 Datasheet HTML 3Page - Motorola, Inc MC74AC74 Datasheet HTML 4Page - Motorola, Inc MC74AC74 Datasheet HTML 5Page - Motorola, Inc MC74AC74 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5-1
FACT DATA
Dual DType Positive
EdgeTriggered FlipFlop
The MC74AC74/74ACT74 is a dual D-type flip-flop with Asynchronous Clear
and Set inputs and complementary (Q,Q) outputs. Information at the input is
transferred to the outputs on the positive edge of the clock pulse. Clock triggering
occurs at a voltage level of the clock pulse and is not directly related to the transition
time of the positive-going pulse. After the Clock Pulse input threshold voltage has
been passed, the Data input is locked out and information present will not be
transferred to the outputs until the next rising edge of the Clock Pulse input.
Asynchronous Inputs:
LOW input to SD (Set) sets Q to HIGH level
LOW input to CD (Clear) sets Q to LOW level
Clear and Set are independent of clock
Simultaneous LOW on CD and SD makes both Q and Q HIGH
• Outputs Source/Sink 24 mA
• ′ACT74 Has TTL Compatible Inputs
CP1
CD2
CP2
13
14
12
11
10
9
8
2
1
3
4
5
6
7
VCC
CD1
D1
CP1
SD1
Q1
Q1
CD2
D2
CP2
SD2
Q2
Q2
CD1
SD1
Q1
D1
SD2
Q2
Q2
D2
GND
Q1
PIN NAMES
D1, D2
Data Inputs
CP1, CP2
Clock Pulse Inputs
CD1, CD2
Direct Clear Inputs
SD1, SD2
Direct Set Inputs
Q1, Q1, Q2, Q2
Outputs
TRUTH TABLE (Each Half)
Inputs
Outputs
SD
CD
CP
D
Q
Q
L
H
X
X
H
L
H
L
X
X
L
H
L
L
X
X
H
H
H
H
H
H
L
H
H
L
L
H
H
H
L
X
Q0
Q0
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
= LOW-to-HIGH Clock Transition
Q0(Q0) = Previous Q(Q) before
LOW-to-HIGH Transition of Clock
MC74AC74
MC74ACT74
DUAL D-TYPE POSITIVE
EDGE-TRIGGERED
FLIP-FLOP
N SUFFIX
CASE 646-06
PLASTIC
D SUFFIX
CASE 751A-03
PLASTIC
LOGIC SYMBOL
SD1
Q1
CP1
Q1
CD1
SD2
Q2
D2
CP2
Q2
CD2
D1


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
54AC74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More National Semiconductor (TI)
74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
74LCX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
HD74AC74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Hitachi Semiconductor
74ACTQ74 Quiet Series Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
74LVX74 Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
54F74DM Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More National Semiconductor (TI)
74F74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
74AC74 Dual D-Type Positive Edge-Triggered Flip-Flop 1  2  3  4  5  More Fairchild Semiconductor
SN54LS74A DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP 1  2  3  Motorola, Inc

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn