Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145408 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC145408
Description  DRIVER / RECEIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145408 Fiches technique(HTML) 1 Page - Motorola, Inc

  MC145408 Datasheet HTML 1Page - Motorola, Inc MC145408 Datasheet HTML 2Page - Motorola, Inc MC145408 Datasheet HTML 3Page - Motorola, Inc MC145408 Datasheet HTML 4Page - Motorola, Inc MC145408 Datasheet HTML 5Page - Motorola, Inc MC145408 Datasheet HTML 6Page - Motorola, Inc MC145408 Datasheet HTML 7Page - Motorola, Inc MC145408 Datasheet HTML 8Page - Motorola, Inc MC145408 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MC145403
•MC145404•MC145405•MC145408
MOTOROLA
1
Drivers/Receivers
EIA–232–E and CCITT V.28
These devices are silicon gate CMOS ICs that combine both the transmitter
and receiver to fulfill the electrical specifications of EIA Standard 232–E and
CCITT V.28. The drivers feature true TTL input compatibility, slew rate limiting
outputs, 300
Ω power–off source impedance, and output typically switching to
within 25% of the supply rails. The receivers can handle up to
± 25 V while
presenting 3 to 7 k
Ω impedance. Hysteresis in the receivers aid in the reception
of noisy signals. By combining both drivers and receivers in a single CMOS
chip, these devices provide efficient, low–power solutions for both EIA–232–E
and V.28 applications.
These devices offer the following performance features:
Drivers
•± 5 to ± 12 V Supply Range
• 300 Ω Power–Off Source Impedance
• Output Current Limiting
• TTL and CMOS Compatible Inputs
• Driver Slew Rate Range Limited to 30 V/µs Maximum
Receivers
•± 25 V Input Range
• 3 to 7 kΩ Input Impedance
• 0.8 V of Hysteresis for Enhanced Noise Immunity
• TTL and CMOS Compatible Outputs
Available Driver/Receiver Combinations
Device
Drivers
Receivers
Figure
No. of Pins
MC145403
3
5
1
20
MC145404
4
4
2
20
MC145405
5
3
3
20
MC145408
5
5
4
24
Alternative EIA–232 devices to consider are:
Three Supply
Single Supply
MC145406 (3 x 3)
MC145407 (3 x 3)
MC145705 (2 x 3) with Power Down
MC145706 (3 x 2) with Power Down
MC145707 (3 x 3) with Power Down
Order this document
by MC145403/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145403
MC145404
MC145405
MC145408
P SUFFIX
PLASTIC DIP
CASE 738
ORDERING INFORMATION
MC145403P
Plastic DIP
MC145404P
Plastic DIP
MC145405P
Plastic DIP
MC145408P
Plastic DIP
MC145403DW
SOG Package
MC145404DW
SOG Package
MC145405DW
SOG Package
MC145408DW
SOG Package
MC145405SD
SSOP
P SUFFIX
PLASTIC DIP
CASE 724
DW SUFFIX
SOG PACKAGE
CASE 751E
DW SUFFIX
SOG PACKAGE
CASE 751D
20
1
24
1
20
1
24
1
SD SUFFIX
SSOP
CASE 940B
20
1
© Motorola, Inc. 1997
REV 2
1/97
TN97010600


Numéro de pièce similaire - MC145408

FabricantNo de pièceFiches techniqueDescription
logo
LANSDALE Semiconductor ...
MC145408-6P LANSDALE-MC145408-6P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
MC145408DW LANSDALE-MC145408DW Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
MC145408LP LANSDALE-MC145408LP Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
MC145408P LANSDALE-MC145408P Datasheet
259Kb / 8P
   Drivers/Receivers RS 232/EIA??32?밇 and CCITT V.28
More results

Description similaire - MC145408

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM202 AD-ADM202_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
ADM203 AD-ADM203_15 Datasheet
127Kb / 6P
   CMOS RS-232 Driver/Receivers
REV. A
logo
Texas Instruments
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1 Datasheet
282Kb / 18P
[Old version datasheet]   HIGH-SPEED DIFFERENTAIL LINE DRIVER/RECEIVERS
SN65LVDS1 TI-SN65LVDS1_09 Datasheet
473Kb / 21P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
logo
Holt Integrated Circuit...
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
logo
Silicon image
SII1000 SILICONIMAGE-SII1000 Datasheet
106Kb / 2P
   PanelLink Receivers
logo
Unisonic Technologies
UT3243A UTC-UT3243A Datasheet
278Kb / 10P
   DRIVERS/RECEIVERS
UT3223 UTC-UT3223_17 Datasheet
249Kb / 9P
   DRIVERS/RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com