Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145443P Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC145443P
Description  SINGLE-CHIP 300-BAUD MODEM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145443P Fiches technique(HTML) 3 Page - Motorola, Inc

  MC145443P Datasheet HTML 1Page - Motorola, Inc MC145443P Datasheet HTML 2Page - Motorola, Inc MC145443P Datasheet HTML 3Page - Motorola, Inc MC145443P Datasheet HTML 4Page - Motorola, Inc MC145443P Datasheet HTML 5Page - Motorola, Inc MC145443P Datasheet HTML 6Page - Motorola, Inc MC145443P Datasheet HTML 7Page - Motorola, Inc MC145443P Datasheet HTML 8Page - Motorola, Inc MC145443P Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MC145442
•MC145443
MOTOROLA
3
DC ELECTRICAL CHARACTERISTICS (VDD = 5.0 V ± 10%, TA = – 40 to + 85°C)
Characteristic
Symbol
Min
Typ
Max
Unit
High–Level Input Voltage
LB
Xin, TxD, Mode, SQT
VIH
VDD – 0.8
3.15
V
Low–Level Input Voltage
LB
Xin, TxD, Mode, SQT
VIL
0.8
1.1
V
High–Level Output Voltage
IOH = 20 µA
CD, RxD
IOH = 2 mA
CD, RxD
IOH = 20 µA
Xout
VOH
VDD – 0.1
3.7
VDD – 0.05
V
Low–Level Output Voltage
IOL = 20 µA
CD, RxD
IOL = 2 mA
CD, RxD
IOL = 20 µA
Xout
VOL
0.05
0.1
0.4
V
Input Current
LB, TxD, Mode, SQT
RxA1, RxA2
Xin
Iin
10
± 1.0
± 12
± 10
µA
Quiesent Supply Current
(Xin or fcrystal = 3.579 MHz)
IDD
7
10
mA
Power–Down Supply Current
200
300
µA
Input Capacitance
Xin
All Other Inputs
Cin
10
10
pF
VAG Output Voltage (IO = ± 10 µA)
VAG
2.4
2.5
2.6
V
CDA Output Voltage (IO = ± 10 µA)
VCDA
1.1
1.2
1.3
V
Line Driver Feedback Resistor
Rf
10
20
30
k
AC ELECTRICAL CHARACTERISTICS
(VDD = 5.0 V ± 10%, TA = – 40 to + 85°C, Crystal Frequency = 3.579 MHz ± 0.1%; See Figure 1)
Characteristic
Min
Typ
Max
Unit
TRANSMITTER
Power Output on TxA
RL = 1.2 kΩ, RTLA = ∞
RL = 1.2 kΩ, RTLA = 5.5 kΩ
– 13
– 10
– 12
– 9
– 11
– 8
dBm
Second Harmonic Power
RL = 1.2 kΩ
– 56
dBm
RECEIVE FILTER AND HYBRID
Hybrid Input Impedance RxA1, RxA2
40
50
k
FB Output Impedance
16
k
Adjacent Channel Rejection
– 48
dBm
DEMODULATOR
Receive Carrier Amplitude
– 48
– 12
dBm
Dynamic Range
36
dB
Bit Jitter (S/N = 30 dB, Input = – 38 dBm, Bit Rate = 300 baud)
100
µs
Bit Bias
5
%
Carrier Detect Threshold
On to Off
(CDA = 1.2 V or CDA grounded through a 0.1
µF capacitor)
Off to On
– 44
– 47
dBm


Numéro de pièce similaire - MC145443P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145443B MOTOROLA-MC145443B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
MC145443BDW MOTOROLA-MC145443BDW Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
LANSDALE Semiconductor ...
MC145443BDW LANSDALE-MC145443BDW Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
MC145443BDW LANSDALE-MC145443BDW Datasheet
395Kb / 11P
   Single?밅hip 300?밄aud Modem
logo
Motorola, Inc
MC145443BP MOTOROLA-MC145443BP Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
More results

Description similaire - MC145443P

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145444 MOTOROLA-MC145444 Datasheet
165Kb / 12P
   Single-Chip 300-Baud Modem
logo
LANSDALE Semiconductor ...
ML145442 LANSDALE-ML145442 Datasheet
800Kb / 11P
   Single-Chip 300-Baud Modem
logo
Motorola, Inc
MC145442B MOTOROLA-MC145442B Datasheet
113Kb / 12P
   SINGLE-CHIP 300-BAUD MODEM
logo
National Semiconductor ...
MM74HC943 NSC-MM74HC943 Datasheet
153Kb / 8P
   300 Baud Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
   SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
National Semiconductor ...
74VHC943 NSC-74VHC943 Datasheet
179Kb / 12P
   300 Baud Modem (5V Supply)
logo
CML Microcircuits
FX409 CMLMICRO-FX409 Datasheet
289Kb / 6P
   1200 BAUD FFSK MODEM
logo
OKI electronic componet...
MSM6926 OKI-MSM6926 Datasheet
183Kb / 25P
   300 bps Single Chip FSK MODEM
logo
TDK Electronics
TSC73M223 TDK-TSC73M223 Datasheet
45Kb / 6P
   1200 Baud FSK Modem
logo
CML Microcircuits
FX419 CMLMICRO-FX419 Datasheet
367Kb / 7P
   1200 BAUD FFSK MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com