Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145480 Fiches technique(PDF) 6 Page - Motorola, Inc

No de pièce MC145480
Description  5V PCM CODEC-FILTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145480 Fiches technique(HTML) 6 Page - Motorola, Inc

Back Button MC145480 Datasheet HTML 2Page - Motorola, Inc MC145480 Datasheet HTML 3Page - Motorola, Inc MC145480 Datasheet HTML 4Page - Motorola, Inc MC145480 Datasheet HTML 5Page - Motorola, Inc MC145480 Datasheet HTML 6Page - Motorola, Inc MC145480 Datasheet HTML 7Page - Motorola, Inc MC145480 Datasheet HTML 8Page - Motorola, Inc MC145480 Datasheet HTML 9Page - Motorola, Inc MC145480 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MC145480
MOTOROLA
6
Figure NO TAGa. Long Frame Sync (Transmit and Receive Have Individual
Clocking)
Figure NO TAGb. Short Frame Sync (Transmit and Receive Have Individual
Clocking)
Figure NO TAGc. IDL Interface — BCLKR = 1 (Transmit and Receive Have Common
Clocking)
Figure NO TAGd. GCI Interface — BCLKR = 0 (Transmit and Receive Have Common
Clocking)
Din (DR)
IDL RX (DR)
DON’T
CARE
DON’T CARE
8
DR
8
7
6
5
4
3
2
1
DR
DON’T CARE
DON’T CARE
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
B2–CHANNEL (FSR = 1)
B1–CHANNEL (FSR = 0)
B2–CHANNEL (FSR = 1)
B1–CHANNEL (FSR = 0)
Dout (DT)
DCL (BCLKT)
FSC (FST)
IDL TX (DT)
IDL CLOCK (BCLKT)
IDL SYNC (FST)
DT
BCLKT (BCLKR)
FST (FSR)
DT
BCLKT (BCLKR)
FST (FSR)
DON’T CARE
DON’T CARE
DON’T
CARE
DON’T
CARE
DON’T CARE
7
6
5
4
3
2
1
8
8
7
6
5
4
3
2
1
7
6
5
4
3
2
1
8
8
7
6
5
4
3
2
1
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
Figure 2. Digital Timing Modes for the PCM Data Interface


Numéro de pièce similaire - MC145480

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145481DW MOTOROLA-MC145481DW Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145481SD MOTOROLA-MC145481SD Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145482DW MOTOROLA-MC145482DW Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
More results

Description similaire - MC145480

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com