Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT273 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVT273
Description  3.3V Octal D flip-flop
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT273 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVT273 Datasheet HTML 1Page - NXP Semiconductors 74LVT273 Datasheet HTML 2Page - NXP Semiconductors 74LVT273 Datasheet HTML 3Page - NXP Semiconductors 74LVT273 Datasheet HTML 4Page - NXP Semiconductors 74LVT273 Datasheet HTML 5Page - NXP Semiconductors 74LVT273 Datasheet HTML 6Page - NXP Semiconductors 74LVT273 Datasheet HTML 7Page - NXP Semiconductors 74LVT273 Datasheet HTML 8Page - NXP Semiconductors 74LVT273 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors
Product specification
74LVT273
3.3V Octal D flip-flop
1998 Feb 19
3
LOGIC SYMBOL (IEEE/IEC)
11
3
2
4
5
7
6
8
9
C1
13
12
14
15
17
16
18
19
1
R
1D
SV00019
FUNCTION TABLE
INPUTS
OUTPUTS
OPERATING
MR
CP
Dn
Q0 – Q7
OPERATING
MODE
L
X
X
L
Reset (clear)
H
h
H
Load “1”
H
l
L
Load “0”
H
L
X
Q0
Retain state
H = High voltage level
h
= High voltage level one set-up time prior to the Low-to-High
clock transition
L
= Low voltage level
l
= Low voltage level one set-up time prior to the Low-to-High
clock transition
X = Don’t care
↑ = Low-to-High clock transition
Q0 = Output as it was
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
11
CP
Clock pulse input (active rising edge)
3, 4, 7, 8, 13, 14, 17, 18
D0 – D7
Data inputs
2, 5, 6, 9, 12, 15, 16, 19
Q0 – Q7
Data outputs
1
MR
Master Reset input (active-Low)
10
GND
Ground (0V)
20
VCC
Positive supply voltage
LOGIC DIAGRAM
CP
Q
RD
D
3
D0
Q0
CP
Q
RD
D
4
D1
CP
Q
RD
D
7
D2
CP
Q
RD
D
8
D3
CP
Q
RD
D
13
D4
CP
Q
RD
D
14
D5
CP
Q
RD
D
17
D6
CP
Q
RD
D
18
D7
2
Q1
5
Q2
6
Q3
9
Q4
12
Q5
15
Q6
16
Q7
19
11
1
CP
MR
SV00020


Numéro de pièce similaire - 74LVT273

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT273 NXP-74LVT273 Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273BQ NXP-74LVT273BQ Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273D NXP-74LVT273D Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273DB NXP-74LVT273DB Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
74LVT273PW NXP-74LVT273PW Datasheet
107Kb / 17P
   3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
More results

Description similaire - 74LVT273

FabricantNo de pièceFiches techniqueDescription
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
PI74LPT374 PERICOM-PI74LPT374 Datasheet
411Kb / 6P
   Fast CMOS 3.3V Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
   3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
   Octal D Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com