Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145482SD Fiches technique(PDF) 3 Page - Motorola, Inc

No de pièce MC145482SD
Description  5V 13-BIT LINEAR PCM CODEC-FILTER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145482SD Fiches technique(HTML) 3 Page - Motorola, Inc

  MC145482SD Datasheet HTML 1Page - Motorola, Inc MC145482SD Datasheet HTML 2Page - Motorola, Inc MC145482SD Datasheet HTML 3Page - Motorola, Inc MC145482SD Datasheet HTML 4Page - Motorola, Inc MC145482SD Datasheet HTML 5Page - Motorola, Inc MC145482SD Datasheet HTML 6Page - Motorola, Inc MC145482SD Datasheet HTML 7Page - Motorola, Inc MC145482SD Datasheet HTML 8Page - Motorola, Inc MC145482SD Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MC145482
MOTOROLA
3
PIN DESCRIPTIONS
POWER SUPPLY
VDD
Positive Power Supply (Pin 6)
This is the most positive power supply and is typically con-
nected to + 5 V. This pin should be decoupled to VSS with a
0.1
µF ceramic capacitor.
VSS
Negative Power Supply (Pin 15)
This is the most negative power supply and is typically
connected to 0 V.
VAG
Analog Ground Output (Pin 20)
This output pin provides a mid–supply analog ground. This
pin should be decoupled to VSS with a 0.01 µF ceramic ca-
pacitor. All analog signal processing within this device is ref-
erenced to this pin. If the audio signals to be processed are
referenced to VSS, then special precautions must be utilized
to avoid noise between VSS and the VAG pin. Refer to the ap-
plications information in this document for more information.
The VAG pin becomes high impedance when this device is in
the powered–down mode.
VAG Ref
Analog Ground Reference Bypass (Pin 1)
This pin is used to capacitively bypass the on–chip circuit-
ry that generates the mid–supply voltage for the VAG output
pin. This pin should be bypassed to VSS with a 0.1 µF ceram-
ic capacitor using short, low inductance traces. The VAG Ref
pin is only used for generating the reference voltage for the
VAG pin. Nothing is to be connected to this pin in addition to
the bypass capacitor. All analog signal processing within this
device is referenced to the VAG pin. If the audio signals to be
processed are referenced to VSS, then special precautions
must be utilized to avoid noise between VSS and the VAG pin.
Refer to the applications information in this document for
more information. When this device is in the powered–down
mode, the VAG Ref pin is pulled to the VDD power supply with
a non–linear, high–impedance circuit.
CONTROL
HB
Transmit High–Pass Filter Bypass (Pin 16)
This pin selects whether the transmit high–pass filter will
be used or bypassed, which allows frequencies below
200 Hz to appear at the input of the ADC to be digitized. This
high–pass filter is a third order filter for attenuating power line
frequencies, typically 50/60 Hz. A logic low selects this filter.
A logic high deselects or bypasses this filter. When the filter
is bypassed, the transmit frequency response extends down
to dc.
PDI
Power–Down Input (Pin 10)
This pin puts the device into a low power dissipation mode
when a logic 0 is applied. When this device is powered down,
all of the clocks are gated off and all bias currents are turned
off, which causes RO–, PO–, PO+, TG, VAG, and DT to be-
come high impedance. The device will operate normally
when a logic 1 is applied to this pin. The device goes through
a power–up sequence when this pin is taken to a logic 1
state, which prevents the DT PCM output from going low im-
pedance for at least two FST cycles. The VAG and VAG Ref
circuits and the signal processing filters must settle out be-
fore the DT PCM output or the RO– receive analog output
will represent a valid analog signal.
ANALOG INTERFACE
TI +
Transmit Analog Input (Non–Inverting) (Pin 19)
This is the non–inverting input of the transmit input gain
setting operational amplifier. This pin accommodates a differ-
ential to single–ended circuit for the input gain setting op
amp. This allows input signals that are referenced to the VSS
pin to be level shifted to the VAG pin with minimum noise.
This pin may be connected to the VAG pin for an inverting
amplifier configuration if the input signal is already refer-
enced to the VAG pin. The common mode range of the TI+
and TI– pins is from 1.2 V, to VDD minus 1.2 V. This is an FET
gate input.
The TI+ pin also serves as a digital input control for the
transmit input multiplexer. Connecting the TI+ pin to VDD will
place this amplifier’s output (TG) into a high–impedance
state, and selects the TG pin to serve as a high–impedance
input to the transmit filter. Connecting the TI+ pin to VSS will
also place this amplifier’s output (TG) into a high–impedance
state, and selects the TI– pin to serve as a high–impedance
input to the transmit filter.
TI–
Transmit Analog Input (Inverting) (Pin 18)
This is the inverting input of the transmit gain setting op-
erational amplifier. Gain setting resistors are usually con-
nected from this pin to TG and from this pin to the analog
signal source. The common mode range of the TI+ and TI–
pins is from 1.2 V to VDD – 1.2 V. This is an FET gate input.
The TI– pin also serves as one of the transmit input mulit-
plexer pins when the TI+ pin is connected to VSS. When TI+
is connected to VDD, this pin is ignored. See the pin descrip-
tions for the TI+ and the TG pins for more information.
TG
Transmit Gain (Pin 17)
This is the output of the transmit gain setting operational
amplifier and the input to the transmit band–pass filter. This
op amp is capable of driving a 2 k
Ω load. Connecting the TI+
pin to VDD will place the TG pin into a high–impedance state,
and selects the TG pin to serve as a high–impedance input to
the transmit filter. All signals at this pin are referenced to the
VAG pin. When TI+ is connected to VSS, this pin is ignored.
See the pin descriptions for TI+ and TI– pins for more in-
formation. This pin is high impedance when the device is in
the powered–down mode.
RO–
Receive Analog Output (Inverting) (Pin 2)
This is the inverting output of the receive smoothing filter
from the digital–to–analog converter. This output is capable
of driving a 2 k
Ω load to 1.575 V peak referenced to the VAG
pin. If the device is operated half–channel with the FST pin
clocking and FSR pin held low, the receive filter input will be


Numéro de pièce similaire - MC145482SD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480DW MOTOROLA-MC145480DW Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480P MOTOROLA-MC145480P Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145480VF MOTOROLA-MC145480VF Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
More results

Description similaire - MC145482SD

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com