Moteur de recherche de fiches techniques de composants électroniques |
|
MC14536BDW Fiches technique(PDF) 8 Page - Motorola, Inc |
|
MC14536BDW Fiches technique(HTML) 8 Page - Motorola, Inc |
8 / 13 page MOTOROLA CMOS LOGIC DATA MC14536B 8 Figure 6. Power Dissipation Test Circuit and Waveform Figure 7. Switching Time Test Circuit and Waveforms VDD 0.01 µF CERAMIC 500 µF ID CL CL CL VSS PULSE GENERATOR SET RESET 8–BYPASS IN1 C INH MONO IN OSC INH C B A D OUT 1 OUT 2 DECODE OUT 20 ns 20 ns 90% 10% 50% 50% DUTY CYCLE PULSE GENERATOR SET RESET 8–BYPASS IN1 C INH MONO IN OSC INH C B A D OUT 1 OUT 2 DECODE OUT CL VSS VDD 20 ns 20 ns 50% IN1 tWL tWH 50% tPHL 90% 10% tPLH tTLH tTHL OUT FUNCTIONAL TEST SEQUENCE Test function (Figure 8) has been included for the reduc- tion of test time required to exercise all 24 counter stages. This test function divides the counter into three 8–stage sections and 255 counts are loaded in each of the 8–stage sections in parallel. All flip–flops are now at a “1”. The count- er is now returned to the normal 24–stages in series configu- ration. One more pulse is entered into In1 which will cause the counter to ripple from an all “1” state to an all “0” state. Figure 8. Functional Test Circuit VDD VSS PULSE GENERATOR SET RESET 8–BYPASS IN1 C INH MONO IN OSC INH C B A D OUT 1 OUT 2 DECODE OUT FUNCTIONAL TEST SEQUENCE Inputs Outputs Comments In1 Set Reset 8–Bypass Decade Out Q1 thru Q24 All 24 stages are in Reset mode. 1 0 1 1 0 All 24 stages are in Reset mode. 1 1 1 1 0 Counter is in three 8 stage sections in parallel mode. 0 1 1 1 0 First “1” to “0” transition of clock. 1 0 — — — 1 1 1 255 “1” to “0” transitions are clocked in the counter. 0 1 1 1 1 The 255 “1” to “0” transition. 0 0 0 0 1 Counter converted back to 24 stages in series mode. Set and Reset must be connected together and simultaneously go from “1” to “0”. 1 0 0 0 1 In1 Switches to a “1”. 0 0 0 0 0 Counter Ripples from an all “1” state to an all “0” state. |
Numéro de pièce similaire - MC14536BDW |
|
Description similaire - MC14536BDW |