Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SFR25 Fiches technique(PDF) 11 Page - List of Unclassifed Manufacturers

No de pièce SFR25
Description  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

SFR25 Fiches technique(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SFR25 Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 9Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 10Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 11Page - List of Unclassifed Manufacturers SFR25 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
4.23
climatic sequence:
Rins min.: 1000 MW
4.23.2
2 (Ba)
dry heat
16 hours; 155
°C
4.23.3
30 (Db)
damp heat
(accelerated)
1st cycle
24 hours; 55
°C; 90 to 100% RH
4.23.4
1 (Aa)
cold
2 hours;
-55 °C
4.23.5
13 (M)
low air pressure
2 hours; 8.5 kPa; 15 to 35
°C
4.23.6
30 (Db)
damp heat
(accelerated)
remaining cycles
5 days; 55
°C; 95 to 100% RH
R
£ 1 MW
DR/R max.: ±1% + 0.05 W
R
> 1 MW
DR/R max.: ±1% + 0.05 W
DR/R max.:
±2% + 0.1 W
4.24.2
3 (Ca)
damp heat
(steady state)
56 days; 40
°C; 90 to 95% RH;
dissipation 0.01 Pn
Rins min.: 1000 MW
DR/R max.: ±1% + 0.05 W
4.25.1
endurance
1000 hours at 70
°C;
Pn or Vmax
R
£ 1 MW
DR/R max.: ±1% + 0.05 W
R
> 1 MW
DR/R max.: ±1% + 0.05 W
DR/R max.:
±2% + 0.1 W
4.8.4
temperature
coefficient
between
-55 °C and +155 °C
(TC
´ 10-6/K)
R
< 4.7 W
£±250
£±100
£±100
R
£ 100 kW
£±100
£±100
£±100
R
£ 1 MW
£±250
£±100
£±100
R
> 1 MW
£±250
£±250
£±250
4.7
voltage proof on
insulation
400 V (RMS) (SFR16S) or
600 V (RMS) (SFR25 and
SFR25H); during 1 minute;
V-block method
no breakdown
4.12
noise
“IEC publication 60195”
R
< 68 kW
max. 0.1
mV/V
max. 0.1
mV/V max. 0.1 mV/V
R
£ 100 kW
max. 0.5
mV/V
max. 0.1
mV/V max. 0.1 mV/V
R
£ 1 MW
max. 1.5
mV/V
max. 0.1
mV/V max. 0.1 mV/V
R
> 1 MW
max. 1.5
mV/V
max. 1.5
mV/V max. 1.5 mV/V
4.6.1.1
insulation resistance 500 V (DC) during 1 minute;
V-block method
Rins min.: 1000 MW
IEC
60115-1
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
RESISTANCE
RANGE
REQUIREMENTS
SFR16S
SFR25
SFR25H


Numéro de pièce similaire - SFR25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR25 ETC1-SFR25 Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25 VISHAY-SFR25 Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR25H ETC1-SFR25H Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR25H VISHAY-SFR25H Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
More results

Description similaire - SFR25

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SFR16S ETC1-SFR16S Datasheet
349Kb / 15P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com