Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT16244B Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce 74LVT16244B
Description  3.3V LVT 16-bit buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16244B Fiches technique(HTML) 1 Page - NXP Semiconductors

  74LVT16244B Datasheet HTML 1Page - NXP Semiconductors 74LVT16244B Datasheet HTML 2Page - NXP Semiconductors 74LVT16244B Datasheet HTML 3Page - NXP Semiconductors 74LVT16244B Datasheet HTML 4Page - NXP Semiconductors 74LVT16244B Datasheet HTML 5Page - NXP Semiconductors 74LVT16244B Datasheet HTML 6Page - NXP Semiconductors 74LVT16244B Datasheet HTML 7Page - NXP Semiconductors 74LVT16244B Datasheet HTML 8Page - NXP Semiconductors 74LVT16244B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Philips
Semiconductors
74LVT16244B
3.3V LVT 16-bit buffer/driver (3-State)
Prooduct specification
Supersedes data of 1998 Feb 19
IC23 Data Handbook
1998 Oct 07
INTEGRATED CIRCUITS


Numéro de pièce similaire - 74LVT16244B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT16244B PHILIPS-74LVT16244B Datasheet
98Kb / 16P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 05-21 March 2006
74LVT16244B NXP-74LVT16244B Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
logo
Nexperia B.V. All right...
74LVT16244B NEXPERIA-74LVT16244B Datasheet
218Kb / 12P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 13 - 12 August 2021
logo
NXP Semiconductors
74LVT16244BBQ NXP-74LVT16244BBQ Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT16244BBQ NXP-74LVT16244BBQ Datasheet
178Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 08-22 March 2010
More results

Description similaire - 74LVT16244B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT16240A PHILIPS-74LVT16240A Datasheet
81Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver 3-State
1998 Feb 19
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
74ALVT16244 PHILIPS-74ALVT16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Oct 07
74LVT16541A PHILIPS-74LVT16541A Datasheet
45Kb / 5P
   3.3V ABT 16-bit buffer/driver 3-State
July 1994
74ALVT16244 PHILIPS-74ALVT16244_15 Datasheet
89Kb / 10P
   2.5V/3.3V 16-bit buffer/driver (3-State)
1998 Oct 07
74ALVT16541 PHILIPS-74ALVT16541 Datasheet
81Kb / 10P
   2.5V/3.3V 16-bit buffer/driver 3-State
1998 Feb 13
74ALVC16244 PHILIPS-74ALVC16244 Datasheet
84Kb / 10P
   2.5V/3.3V 16-bit buffer/line driver 3-State
1998 Jun 29
74ALVT16241 PHILIPS-74ALVT16241 Datasheet
84Kb / 10P
   2.5V/3.3V ALVT 16-bit buffer/driver 3-State
1998 Feb 13
logo
Integrated Device Techn...
IDT74ALVC162244 IDT-IDT74ALVC162244_09 Datasheet
91Kb / 6P
   3.3V CMOS 16-BIT BUFFER/DRIVER 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com