Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT162373 Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce 74LVT162373
Description  3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162373 Fiches technique(HTML) 3 Page - NXP Semiconductors

  74LVT162373 Datasheet HTML 1Page - NXP Semiconductors 74LVT162373 Datasheet HTML 2Page - NXP Semiconductors 74LVT162373 Datasheet HTML 3Page - NXP Semiconductors 74LVT162373 Datasheet HTML 4Page - NXP Semiconductors 74LVT162373 Datasheet HTML 5Page - NXP Semiconductors 74LVT162373 Datasheet HTML 6Page - NXP Semiconductors 74LVT162373 Datasheet HTML 7Page - NXP Semiconductors 74LVT162373 Datasheet HTML 8Page - NXP Semiconductors 74LVT162373 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LVT162373
3.3 V LVT 16-bit transparent D-type latch
with 30
Ω termination resistors (3-State)
1999 Sep 23
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1OE
1Q0
1Q1
GND
1Q2
1Q3
1Q4
1Q5
GND
1Q6
1Q7
2Q0
2Q1
GND
2Q3
VCC
2Q4
VCC
2Q2
2Q5
GND
2Q7
2OE
2Q6
1LE
1D0
1D1
GND
1D2
1D3
1D4
1D5
GND
1D6
1D7
2D0
2D1
GND
2D3
VCC
2D4
VCC
2D2
2D5
GND
2D7
2LE
2D6
SA00043
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
47, 46, 44, 43, 41,
40, 38, 37, 36, 35,
33, 32, 30, 29, 27, 26
1D0 – 1D7
2D0 – 2D7
Data inputs
2, 3, 5, 6, 8, 9, 11,
12, 13, 14, 16, 17,
19, 20, 22, 23
1Q0 – 1Q7
2Q0 – 2Q7
Data outputs
1, 24
1OE, 2OE
Output Enable inputs
(active-Low)
48, 25
1LE, 2LE
Latch Enable inputs
(active-High)
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
LOGIC SYMBOL
3
2
1Q0 1Q1 1Q2
6
5
1Q3
47
46
44
43
1D0 1D1 1D2 1D3
48
1
9
8
1Q4 1Q5 1Q6
12
11
1Q7
41
40
38
37
1D4 1D5 1D6 1D7
1LE
1OE
14
13
17
16
36
35
33
32
25
24
20
19
23
22
30
29
27
26
2Q0 2Q1 2Q2 2Q3
2D0 2D21 2D2 2D3
2Q4 2Q5 2Q6 2Q7
2D4 2D5 2D6 2D7
2LE
2OE
SA00044
LOGIC SYMBOL (IEEE/IEC)
48
1EN
1
46
44
43
41
40
38
37
36
C3
2EN
C4
2
1
24
25
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
SW00010
1OE
1LE
2OE
2LE
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q1
2Q2
2Q3
2Q4
2Q5
2Q8
1D8
2Q6
2Q7
3D
4D


Numéro de pièce similaire - 74LVT162373

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT162373 NEXPERIA-74LVT162373 Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
74LVT162373DGG NEXPERIA-74LVT162373DGG Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
More results

Description similaire - 74LVT162373

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT162373 NEXPERIA-74LVT162373 Datasheet
216Kb / 13P
   3.3 V 16-bit transparent D-type latch with 30 Ω termination resistors; 3-state
Rev. 2 - 1 October 2018
logo
NXP Semiconductors
74LVT16373A PHILIPS-74LVT16373A Datasheet
86Kb / 10P
   3.3V LVT 16-bit transparent D-type latch 3-State
1998 Feb 19
logo
Nexperia B.V. All right...
74LVT16373A NEXPERIA-74LVT16373A Datasheet
228Kb / 13P
   3.3 V 16-bit transparent D-type latch; 3-state
Rev. 4 - 3 August 2021
logo
NXP Semiconductors
74LVC162373A PHILIPS-74LVC162373A Datasheet
88Kb / 17P
   16-bit D-type transparent latch with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
2004 Feb 05
74LVT162374 PHILIPS-74LVT162374 Datasheet
120Kb / 12P
   3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Rev. 03-17 January 2005
74ALVCH16373 PHILIPS-74ALVCH16373_15 Datasheet
128Kb / 18P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 6-10 July 2012
logo
Nexperia B.V. All right...
74ALVCH16373 NEXPERIA-74ALVCH16373 Datasheet
238Kb / 14P
   2.5 V/3.3 V 16-bit D-type transparent latch; 3-state
Rev. 8 - 22 November 2021
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Texas Instruments
SN74LVTH162373-EP TI1-SN74LVTH162373-EP Datasheet
285Kb / 10P
[Old version datasheet]   3.3-V ABT 16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
74LVT162245B NEXPERIA-74LVT162245B Datasheet
223Kb / 11P
   3.3 V 16-bit transceiver with 30 Ω termination resistors; 3-state
Rev. 4 - 6 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com