Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ608 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce 2SJ608
Description  Ultrahigh Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ608 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  2SJ608 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ608 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ608 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2SJ608
No.6995-3/4
2
10
7
5
3
100
7
5
3
2
1000
7
5
3
2
--0.1
--1.0
7
5
3
2
--0.01
7
5
3
2
7
5
3
2
--10
7
5
3
2
--0.1
--0.01
--1.0
2
35
7
23
5
7
23
5
7
--10
0
--5
--10
--15
--20
--1.0
23
5
7
23
5
2
3
5
7
--0.1
--10
0
--2
--4
--6
--8
02468
10
12
14
--12
--10
VGS -- Qg
VDS= --10V
ID= --4A
IT02852
0
0
20
40
0.5
60
1.0
80
100
120
1.5
1.4
2.0
140
160
PD -- Ta
IT03271
A S O
IDP= --16A
2
3
5
7
2
3
5
7
2
3
5
7
--10
--1.0
2
3
--0.1
--0.01
IT03270
100
µs
10
100
1000
7
5
3
2
7
5
3
2
Ciss, Coss, Crss -- VDS
f=1MHz
Ciss
Coss
Crss
IT02851
--0.1
1.0
--1.0
23
5
7
2
3
5
7
--10
SW Time -- ID
VDD= --15V
VGS= --10V
td(on)
td(off)
tr
tf
IT02850
IT02848
yfs -- ID
IT02849
0
--0.4
--0.2
--0.6
--0.8
--1.2
--1.0
--0.001
IF -- VSD
VGS=0
ID= --4A
100ms
DC
operation
1ms
10ms
<10
µs
100
7
5
3
2
1.0
7
5
3
2
7
5
3
2
10
0.1
VDS= --10V
Ta=
--25
°C
75°
C
25°
C
Operation in this
area is limited by RDS(on).
Ta=25
°C
Single pulse
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Ambient Temperature, Ta --
°C
Total Gate Charge, Qg -- nC
Drain-to-Source Voltage, VDS -- V


Numéro de pièce similaire - 2SJ608

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SJ600 KEXIN-2SJ600 Datasheet
51Kb / 2P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SJ600 VBSEMI-2SJ600 Datasheet
993Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ600 RENESAS-2SJ600 Datasheet
246Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ600-Z NEC-2SJ600-Z Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Description similaire - 2SJ608

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com