Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ608 Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce 2SJ608
Description  Ultrahigh Speed Switching Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SJ608 Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  2SJ608 Datasheet HTML 1Page - Sanyo Semicon Device 2SJ608 Datasheet HTML 2Page - Sanyo Semicon Device 2SJ608 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SJ608
No.6995-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
RDS(on) 1
ID=--2A, VGS=--10V
60
78
m
Static Drain-to-Source On-State Resistance
RDS(on) 2
ID=--1A, VGS=--4.5V
90
126
m
RDS(on) 3
ID=--1A, VGS=--4V
100
140
m
Input Capacitance
Ciss
VDS=--10V, f=1MHz
560
pF
Output Capacitance
Coss
VDS=--10V, f=1MHz
150
pF
Reverse Transfer Capacitance
Crss
VDS=--10V, f=1MHz
95
pF
Turn-ON Delay Time
td(on)
See specified Test Circuit
9
ns
Rise Time
tr
See specified Test Circuit
4
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit
70
ns
Fall Time
tf
See specified Test Circuit
55
ns
Total Gate Charge
Qg
VDS=--10V, VGS=--10V, ID=--4A
12
nC
Gate-to-Source Charge
Qgs
VDS=--10V, VGS=--10V, ID=--4A
2
nC
Gate-to-Drain “Miller” Charge
Qgd
VDS=--10V, VGS=--10V, ID=--4A
2
nC
Diode Forward Voltage
VSD
IS=--4A, VGS=0
--0.88
--1.5
V
Switching Time Test Circuit
PW=10
µs
D.C.
≤1%
0V
--10V
VIN
P.G
50
G
S
ID= --2A
RL=7.5Ω
VDD= --15V
VOUT
2SJ608
VIN
D
0
50
100
150
200
0
--0.2
0
--1
--2
--3
--4
--5
--6
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
ID -- VDS
VGS= --2.0V
IT02844
0
--2
--4
--6
--8
--10
--12
--14
--16
--18
--20
RDS(on) -- VGS
Ta=25
°C
IT02846
RDS(on) -- Ta
IT02847
--60
0
50
100
150
200
--40
--20
0
20
40
60
80
100
120
160
140
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--3.5
--4.0
0
--1
--2
--3
--4
--5
--6
--7
--9
--8
ID -- VGS
VDS= --10V
IT02845
--2.0A
ID= --1.0A
I D=
--1.0A,
V GS
= --4.0V
--3.5V
--3.0V
--2.5V
I D
= --1.0A,
V GS
= --4.5V
ID=
--2.0A,
VGS
= --10.0V
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
Gate-to-Source Voltage, VGS -- V


Numéro de pièce similaire - 2SJ608

FabricantNo de pièceFiches techniqueDescription
logo
NEC
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Guangdong Kexin Industr...
2SJ600 KEXIN-2SJ600 Datasheet
51Kb / 2P
   MOS Field Effect Transistor
logo
VBsemi Electronics Co.,...
2SJ600 VBSEMI-2SJ600 Datasheet
993Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Renesas Technology Corp
2SJ600 RENESAS-2SJ600 Datasheet
246Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
NEC
2SJ600-Z NEC-2SJ600-Z Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results

Description similaire - 2SJ608

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH3304 SANYO-CPH3304 Datasheet
132Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3308 SANYO-CPH3308 Datasheet
28Kb / 4P
   Ultrahigh-Speed Switching Applications
CPH3407 SANYO-CPH3407 Datasheet
27Kb / 4P
   Ultrahigh-Speed Switching Applications
FW214 SANYO-FW214 Datasheet
46Kb / 3P
   Ultrahigh-Speed Switching Applications
FW313 SANYO-FW313 Datasheet
61Kb / 6P
   Ultrahigh-Speed Switching Applications
2SK2631 SANYO-2SK2631 Datasheet
30Kb / 5P
   Ultrahigh-Speed Switching Applications
2SK1459 SANYO-2SK1459 Datasheet
100Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ339 SANYO-2SJ339 Datasheet
40Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ417 SANYO-2SJ417 Datasheet
89Kb / 3P
   Ultrahigh-Speed Switching Applications
2SJ459 SANYO-2SJ459 Datasheet
32Kb / 4P
   Ultrahigh-Speed Switching Applications
2SJ485 SANYO-2SJ485 Datasheet
43Kb / 4P
   Ultrahigh-Speed Switching Applications
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com