Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT08D Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce 74LVT08D
Description  3.3V Quad 2-input AND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT08D Fiches technique(HTML) 5 Page - NXP Semiconductors

  74LVT08D Datasheet HTML 1Page - NXP Semiconductors 74LVT08D Datasheet HTML 2Page - NXP Semiconductors 74LVT08D Datasheet HTML 3Page - NXP Semiconductors 74LVT08D Datasheet HTML 4Page - NXP Semiconductors 74LVT08D Datasheet HTML 5Page - NXP Semiconductors 74LVT08D Datasheet HTML 6Page - NXP Semiconductors 74LVT08D Datasheet HTML 7Page - NXP Semiconductors 74LVT08D Datasheet HTML 8Page - NXP Semiconductors 74LVT08D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT08
3.3V Quad 2-input AND gate
1996 May 29
5
TEST CIRCUIT AND WAVEFORMS
VM
VM
tW
AMP (V)
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
AMP (V)
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tF)
tTLH (tR)tTHL (tF)
tTLH (tR)
VM = 1.5V
Input Pulse Definition
DEFINITIONS
RL = Load resistor; see AC CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
INPUT PULSE REQUIREMENTS
FAMILY
Amplitude
Rep. Rate
tW
tR
tF
74LVT
2.7V
≤10MHz
500ns
≤2.5ns ≤2.5ns
PULSE
GENERATOR
VIN
D.U.T.
VOUT
CL
VCC
Test Circuit for Outputs
RT
RL
SV00022


Numéro de pièce similaire - 74LVT08D

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
74LVT08D NEXPERIA-74LVT08D Datasheet
213Kb / 10P
   3.3 V Quad 2-input AND gate
Rev. 4 - 27 July 2021
More results

Description similaire - 74LVT08D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVT00 PHILIPS-74LVT00 Datasheet
81Kb / 10P
   3.3V Quad 2-input NAND gate
1996 Aug 15
74LVT02 PHILIPS-74LVT02 Datasheet
81Kb / 10P
   3.3V Quad 2-input NOR gate
1996 Aug 15
74LVT32 PHILIPS-74LVT32 Datasheet
97Kb / 10P
   3.3V Quad 2-input OR gate
1996 Aug 28
logo
Toshiba Semiconductor
TC74VHC08F TOSHIBA-TC74VHC08F Datasheet
204Kb / 5P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74F08 FAIRCHILD-74F08_00 Datasheet
64Kb / 5P
   Quad 2-Input AND Gate
logo
Integral Corp.
IN74HC08 INTEGRAL-IN74HC08 Datasheet
74Kb / 4P
   Quad 2-Input AND Gate
logo
Motorola, Inc
SN54LS09 MOTOROLA-SN54LS09 Datasheet
44Kb / 2P
   QUAD 2-INPUT AND GATE
logo
National Semiconductor ...
54F08DM NSC-54F08DM Datasheet
108Kb / 8P
   Quad 2-Input AND Gate
logo
ON Semiconductor
MC74VHCT08A ONSEMI-MC74VHCT08A Datasheet
143Kb / 8P
   Quad 2-Input AND Gate
1999 REV 0
logo
Integral Corp.
IN74LV08 INTEGRAL-IN74LV08 Datasheet
58Kb / 5P
   Quad 2-Input AND Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com