Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS3803-01 Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce TPS3803-01
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS3803-01 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TPS3803-01 Datasheet HTML 3Page - Texas Instruments TPS3803-01 Datasheet HTML 4Page - Texas Instruments TPS3803-01 Datasheet HTML 5Page - Texas Instruments TPS3803-01 Datasheet HTML 6Page - Texas Instruments TPS3803-01 Datasheet HTML 7Page - Texas Instruments TPS3803-01 Datasheet HTML 8Page - Texas Instruments TPS3803-01 Datasheet HTML 9Page - Texas Instruments TPS3803-01 Datasheet HTML 10Page - Texas Instruments TPS3803-01 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TPS380301EP, TPS3803G15EP, TPS3805H33EP
VOLTAGE DETECTOR
SGLS227B − DECEMBER 2003 − REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
3
2
1
0
0
0.5
1
1.5
2
2.5
3
4
5
TPS3805H33
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
6
3.5
4
4.5
5
5.5
6
VDD − Supply Voltage − V
SENSE = GND
RESET = Open
85
°C
0
°C
25
°C
−40
°C
Figure 2
1.5
1
0.5
0
0
0.5
1
1.5
2
2.5
3
2
2.5
TPS3803−01
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
3
3.5
4
4.5
5
5.5
6
VDD − Supply Voltage − V
SENSE = GND
RESET = Open
85
°C
0
°C
−40
°C
25
°C
Figure 3
1.00
0.80
0.60
0.40
0
1
2
345
1.20
1.40
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
1.60
IOL − Low-Level Output Current − mA
0.20
0
VDD = 1.5 V
V(SENSE) = Low
85
°C
0
°C
25
°C
−40
°C
Figure 4
0.35
0.30
0.25
0.20
0
0.5
1
1.5
2
2.5
3
0.40
0.45
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
0.50
0.15
0.10
0.05
0
IOL − Low-Level Output Current − mA
85
°C
0
°C
25
°C
−40
°C
VDD = 1.5 V
V(SENSE) = Low
(Expanded View)


Numéro de pièce similaire - TPS3803-01

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS3803-01 TI-TPS3803-01 Datasheet
254Kb / 12P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01 TI1-TPS3803-01 Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
TPS3803-01-EP TI1-TPS3803-01-EP Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
TPS3803-01-EP TI1-TPS3803-01-EP Datasheet
1Mb / 25P
[Old version datasheet]   Voltage Detectors
More results

Description similaire - TPS3803-01

FabricantNo de pièceFiches techniqueDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com