Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA201-600B Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce BTA201-600B
Description  Triacs logic level
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA201-600B Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button BTA201-600B Datasheet HTML 3Page - NXP Semiconductors BTA201-600B Datasheet HTML 4Page - NXP Semiconductors BTA201-600B Datasheet HTML 5Page - NXP Semiconductors BTA201-600B Datasheet HTML 6Page - NXP Semiconductors BTA201-600B Datasheet HTML 7Page - NXP Semiconductors BTA201-600B Datasheet HTML 8Page - NXP Semiconductors BTA201-600B Datasheet HTML 9Page - NXP Semiconductors BTA201-600B Datasheet HTML 10Page - NXP Semiconductors BTA201-600B Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BTA201_SER_B_E_ER_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 13 January 2006
7 of 12
Philips Semiconductors
BTA201 series B, E and ER
Triacs logic level
7.
Dynamic characteristics
Table 6:
Dynamic characteristics
Symbol
Parameter
Conditions
BTA201-600B
BTA201-800B
BTA201-600E
BTA21-800E
BTA201-800ER
Unit
Min
Typ
Max
Min
Typ
Max
dVD/dt
rate of rise of
off-state voltage
VDM =67% VDRM(max);
Tj = 125 °C; exponential
waveform; gate open
circuit
1000
-
-
200
-
-
V/
µs
dIcom/dt
rate of change of
commutating
current
VDM = 400 V; Tj = 125 °C;
dVcom/dt=20V/µs; gate
open circuit
12
-
-
2.5
-
-
A/ms
VDM = 400 V; Tj = 125 °C;
dVcom/dt=10V/µs; gate
open circuit
16
-
-
3.5
-
-
A/ms
tgt
gate-controlled
turn-on time
ITM =20A;
VD =VDRM(max);
IG = 0.1 A;
dIG/dt=5A/µs
-2
--
2
-
µs
(1) T2
− G−
(2) T2+ G
(3) T2+ G+
Fig 7.
Normalized gate trigger voltage as a function of
junction temperature
Fig 8.
Normalized gate trigger current as a function of
junction temperature
Tj (°C)
−50
150
100
050
001aab101
0.8
1.2
1.6
0.4
VGT(Tj)
VGT(25°C)
IGT(Tj)
IGT(25°C)
Tj (°C)
−50
0
150
100
50
1
2
3
0
003aaa959
(1)
(2)
(3)
(1)
(2)
(3)


Numéro de pièce similaire - BTA201-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA201-600B NXP-BTA201-600B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 03-10 September 2007
BTA201-600B NXP-BTA201-600B Datasheet
76Kb / 12P
   1 A Three-quadrant triacs high commutation
Rev. 04-4 February 2008
logo
WeEn Semiconductors
BTA201-600B WEEN-BTA201-600B Datasheet
267Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA201-600B

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
   Triacs logic level
April 1998 Rev 1.000
BT131W PHILIPS-BT131W Datasheet
53Kb / 7P
   Triacs logic level
July 1998 Rev 1.000
BT137D PHILIPS-BT137D Datasheet
49Kb / 6P
   Triacs logic level
September 1997 Rev 1.200
logo
Unisonic Technologies
UT131 UTC-UT131_12 Datasheet
297Kb / 5P
   TRIACS LOGIC LEVEL
logo
NXP Semiconductors
BT134-600D127 NXP-BT134-600D127 Datasheet
107Kb / 8P
   Triacs logic level
October 1997
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
   Triacs logic level
logo
Tiger Electronic Co.,Lt...
BT137S-600 TGS-BT137S-600 Datasheet
321Kb / 1P
   Triacs logic level
logo
NXP Semiconductors
BT137S-600D PHILIPS-BT137S-600D Datasheet
42Kb / 6P
   Triacs logic level
June 2001-Rev 1.400
BT134W PHILIPS-BT134W Datasheet
56Kb / 7P
   Triacs logic level
September 1997 Rev 1.200
BT136B PHILIPS-BT136B Datasheet
49Kb / 6P
   Triacs logic level
October 1997 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com