Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145170DT1 Fiches technique(PDF) 1 Page - Motorola, Inc

No de pièce MC145170DT1
Description  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170DT1 Fiches technique(HTML) 1 Page - Motorola, Inc

  MC145170DT1 Datasheet HTML 1Page - Motorola, Inc MC145170DT1 Datasheet HTML 2Page - Motorola, Inc MC145170DT1 Datasheet HTML 3Page - Motorola, Inc MC145170DT1 Datasheet HTML 4Page - Motorola, Inc MC145170DT1 Datasheet HTML 5Page - Motorola, Inc MC145170DT1 Datasheet HTML 6Page - Motorola, Inc MC145170DT1 Datasheet HTML 7Page - Motorola, Inc MC145170DT1 Datasheet HTML 8Page - Motorola, Inc MC145170DT1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
MC145170–1
MOTOROLA
1
Advance Information
PLL Frequency Synthesizer
with Serial Interface
CMOS
The new MC145170–1 is pin–for–pin compatible with the MC145170. A
comparison of the two parts is shown in the table below. The MC145170–1 is
recommended for new designs.
The MC145170–1 is a single–chip synthesizer capable of direct usage in the
MF, HF, and VHF bands. A special architecture makes this PLL the easiest to
program in the industry. Either a bit– or byte–oriented format may be used. Due
to the patented BitGrabber
™ registers, no address/steering bits are required for
random access of the three registers. Thus, tuning can be accomplished via a
2–byte serial transfer to the 16–bit N register.
The device features fully programmable R and N counters, an amplifier at the
fin pin, on–chip support of an external crystal, a programmable reference
output, and both single– and double–ended phase detectors with linear transfer
functions (no dead zones). A configuration (C) register allows the part to be
configured to meet various applications. A patented feature allows the C
register to shut off unused outputs, thereby minimizing noise and interference.
In order to reduce lock times and prevent erroneous data from being loaded
into the counters, a patented jam–load feature is included. Whenever a new
divide ratio is loaded into the N register, both the N and R counters are
jam–loaded with their respective values and begin counting down together. The
phase detectors are also initialized during the jam load.
• Operating Voltage Range: 2.5 to 5.5 V
• Maximum Operating Frequency:
185 MHz @ Vin = 500 mV p–p, 4.5 V Minimum Supply
100 MHz @ Vin = 500 mV p–p, 3.0 V Minimum Supply
• Operating Supply Current: 0.6 mA @ 3 V, 30 MHz
1.5 mA @ 3 V, 100 MHz
3.0 mA @ 5 V, 50 MHz
5.8 mA @ 5 V, 185 MHz
• Operating Temperature Range: – 40 to 85°C
• R Counter Division Range: 1 and 5 to 32,767
• N Counter Division Range: 40 to 65,535
• Direct Interface to Motorola SPI and National MICROWIRE™ Serial Data
Ports
• Chip Complexity: 4800 FETs or 1200 Equivalent Gates
• See Application Note AN1207/D
COMPARISION OF THE PLL FREQUENCY SYNTHESIZERS
Parameter
MC145170–1
MC145170
Technology
1.2
µm CMOS
1.5
µm CMOS
Maximum Frequency with 5 V
± 10% Supply, fin
185 MHz
160 MHz
Maximum Frequency with 5 V
± 10% Supply, OSCin
25 MHz
20 MHz
Maximum Supply Voltage
5.5 V
6.0 V
Maximum Input Capacitance, fin
7 pF
5 pF
This document contains information on a new product. Specifications and information herein are subject to change without notice.
BitGrabber is a trademark of Motorola Inc. MICROWIRE is a trademark of National Semiconductor Corp.
Order this document
by MC145170–1/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145170-1
fR
LD
VSS
9
10
11
12
φV
VDD
PDout
8
7
6
5
4
3
2
1
Dout
CLK
ENB
fin
REFout
OSCout
OSCin
14
15
16
PIN ASSIGNMENT
Din
fV
P SUFFIX
PLASTIC DIP
CASE 648
D SUFFIX
SOG PACKAGE
CASE 751B
ORDERING INFORMATION
MC145170P1
Plastic DIP
MC145170D1
SOG Package
MC145170DT1 TSSOP
φR
16
1
13
DT SUFFIX
TSSOP
CASE 948C
16
1
16
1
© Motorola, Inc. 1996
REV 1
3/96


Numéro de pièce similaire - MC145170DT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145170DT2 MOTOROLA-MC145170DT2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
MC145170DT2 LANSDALE-MC145170DT2 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170DT2 FREESCALE-MC145170DT2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Description similaire - MC145170DT1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com