Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145170-1 Fiches technique(PDF) 5 Page - Motorola, Inc

No de pièce MC145170-1
Description  PLL Frequency Synthesizer with Serial Interface CMOS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145170-1 Fiches technique(HTML) 5 Page - Motorola, Inc

  MC145170-1 Datasheet HTML 1Page - Motorola, Inc MC145170-1 Datasheet HTML 2Page - Motorola, Inc MC145170-1 Datasheet HTML 3Page - Motorola, Inc MC145170-1 Datasheet HTML 4Page - Motorola, Inc MC145170-1 Datasheet HTML 5Page - Motorola, Inc MC145170-1 Datasheet HTML 6Page - Motorola, Inc MC145170-1 Datasheet HTML 7Page - Motorola, Inc MC145170-1 Datasheet HTML 8Page - Motorola, Inc MC145170-1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
MC145170–1
MOTOROLA
5
SWITCHING WAVEFORMS
10%
VDD
VSS
1/fclk
Dout
CLK
90%
50%
90%
50%
10%
tPLH
tPHL
tTLH
tTHL
tw
tw
tf
tr
Figure 1.
ENB
Dout
Dout
50%
VDD
VSS
50%
tPZH
tPZL
tPLZ
50%
tPHZ
Figure 2.
10%
90%
VDD
VSS
HIGH
IMPEDANCE
HIGH
IMPEDANCE
Din
CLK
50%
VALID
50%
tsu
th
VDD
VSS
VDD
VSS
Figure 3.
CLK
ENB
50%
tsu
th
FIRST
CLK
LAST
CLK
trec
50%
Figure 4.
VDD
VSS
VDD
VSS
tw(H)
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and fixture capacitance.
Figure 5. Test Circuit
TEST POINT
DEVICE
UNDER
TEST
CL*
* Includes all probe and fixture capacitance.
Figure 6. Test Circuit
7.5 k
CONNECT TO VDD
WHEN TESTING tPLZ
AND tPZL. CONNECT TO
VSS WHEN TESTING
tPHZ AND tPZH.


Numéro de pièce similaire - MC145170-1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
More results

Description similaire - MC145170-1

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145170 MOTOROLA-MC145170 Datasheet
486Kb / 16P
   PLL Frequency Synthesizer with Serial Interface CMOS
MC14570 MOTOROLA-MC14570 Datasheet
486Kb / 16P
   PLL FREQUENCY SYNTHESIZER WITH SERIAL INTERFACE
logo
Freescale Semiconductor...
MC145170-2 FREESCALE-MC145170-2 Datasheet
1Mb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
Motorola, Inc
MC145170-2 MOTOROLA-MC145170-2 Datasheet
871Kb / 32P
   PLL Frequency Synthesizer with Serial Interface
logo
LANSDALE Semiconductor ...
ML145170 LANSDALE-ML145170 Datasheet
13Mb / 26P
   Phase-Frequency Detector PLL Frequency Synthesizer with Serial Interface
ML145106 LANSDALE-ML145106 Datasheet
389Kb / 8P
   PLL Frequency Synthesizer CMOS
logo
Fujitsu Component Limit...
MB87001A FUJITSU-MB87001A Datasheet
339Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
logo
Motorola, Inc
MC145106 MOTOROLA-MC145106 Datasheet
119Kb / 8P
   PLL FREQUENCY SYNTHESIZER CMOS
logo
Fujitsu Component Limit...
MB87014A FUJITSU-MB87014A Datasheet
658Kb / 12P
   CMOS PLL Frequency Synthesizer
MB87073 FUJITSU-MB87073 Datasheet
409Kb / 12P
   CMOS PLL FREQUENCY SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com