Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-C515-P0001 Fiches technique(PDF) 2 Page - Agilent(Hewlett-Packard)

No de pièce HLMP-C515-P0001
Description  T - 13/4 Super Ultra-Bright LED Lamps
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HP [Agilent(Hewlett-Packard)]
Site Internet  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C515-P0001 Fiches technique(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-C515-P0001 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C515-P0001 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Selection Guide
Part Number
Luminous Intensity Iv (mcd)
Color
2
θθθθθ1/2[1]
Standoff Leads
HLMP-
Min.
Max.
DH AS AlGaAs
15
No
C115
290.0
C115-O00xx
290.0
C115-OP0xx
290.0
1000.0
Yes
C117-OP0xx
290.0
1000.0
25
No
C123
90.2
C123-L00xx
90.2
Red
15
No
C215
138.0
C215-M00xx
138.0
C215-MN0xx
138.0
400.0
25
No
C223
90.2
C223-L00xx
90.2
C223-MN0xx
138.0
400.0
Yellow
15
No
C315
147.0
C315-L00xx
147.0
C315-LM0xx
147.0
424.0
25
No
C323
96.2
C323-K00xx
96.2
C323-KL0xx
96.2
294.0
Orange
15
No
C415
138.0
C415-M00xx
138.0
C415-M0D0xx
138.0
C415-MN0xx
138.0
400.0
25
No
C423
90.2
C423-L00xx
90.2
C423-LM0xx
90.2
276.0
Green
15
No
C515
170.0
C515-L00xx
170.0
C515-LM0xx
170.0
490.0
25
No
C523
69.8
C523-J00xx
69.8
C523-KL0xx
111.7
340.0
Emerald Green
15
No
C615
17.0
C615-G00xx
17.0
25
No
C623
6.7
C623-E00xx
6.7


Numéro de pièce similaire - HLMP-C515-P0001

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-C515-L00XX BOARDCOM-HLMP-C515-L00XX Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
More results

Description similaire - HLMP-C515-P0001

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
   T-1쩐 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Marktech Corporate
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
   T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
   T-13/4 (5mm) Ultra Bright
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com