Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC162245 Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce 74LVC162245
Description  16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC162245 Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button 74LVC162245 Datasheet HTML 2Page - NXP Semiconductors 74LVC162245 Datasheet HTML 3Page - NXP Semiconductors 74LVC162245 Datasheet HTML 4Page - NXP Semiconductors 74LVC162245 Datasheet HTML 5Page - NXP Semiconductors 74LVC162245 Datasheet HTML 6Page - NXP Semiconductors 74LVC162245 Datasheet HTML 7Page - NXP Semiconductors 74LVC162245 Datasheet HTML 8Page - NXP Semiconductors 74LVC162245 Datasheet HTML 9Page - NXP Semiconductors 74LVC162245 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 10 page
background image
2003 Dec 08
11
Philips Semiconductors
Product specification
16-bit transceiver with direction pin; 30
Ω series
termination resistors; 5 V tolerant input/output; 3-state
74LVC162245A;
74LVCH162245A
AC WAVEFORMS
handbook, halfpage
MNA477
nAn, nBn
input
nBn, nAn
output
tPHL
tPLH
GND
VI
VM
VM
VOH
VOL
Fig.5 The input (nAn, nBn) to outputs (nBn, nAn) propagation delays.
VOL and VOH are typical output voltage drop that occur with the output load.
VCC
VM
INPUT
VI
tr =tf
1.2 V
0.5
× VCC VCC
≤ 2.5 ns
2.7 V
1.5 V
2.7 V
≤ 2.5 ns
3.0 to 3.6 V
1.5 V
2.7 V
≤ 2.5 ns


Numéro de pièce similaire - 74LVC162245

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC162245A PHILIPS-74LVC162245A Datasheet
112Kb / 17P
   16-bit transceiver with direction pin;
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC162245A NEXPERIA-74LVC162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
logo
NXP Semiconductors
74LVC162245ADGG PHILIPS-74LVC162245ADGG Datasheet
112Kb / 17P
   16-bit transceiver with direction pin;
2003 Dec 08
logo
Nexperia B.V. All right...
74LVC162245ADGG NEXPERIA-74LVC162245ADGG Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
More results

Description similaire - 74LVC162245

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74LVC16245A PHILIPS-74LVC16245A Datasheet
107Kb / 19P
   16-bit bus transceiver with direction pin; 5V tolerant 3-State
Rev. 08-6 November 2008
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
74ALVCH162245 PHILIPS-74ALVCH162245 Datasheet
94Kb / 11P
   16-bit bus transceiver with direction pin and 30ohm termination resistor 3-State
1998 Jun 29
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVC162244A PHILIPS-74LVC162244A Datasheet
79Kb / 10P
   16-bit buffer/line driver; with 30ohm series termination resistors, 5V input/output tolerant 3-State
2003 Dec 12
74LVC_LVCH162245A PHILIPS-74LVC_LVCH162245A_15 Datasheet
237Kb / 16P
   16-bit transceiver with direction pin, 30 ??series termination resistors; 5 V tolerant input/output; 3-state
Rev. 6-23 November 2011
74LVCH322245A PHILIPS-74LVCH322245A_15 Datasheet
119Kb / 15P
   32-bit bus transceiver with direction pin; 30 ??series termination resistors; 5 V tolerant; 3-state
Rev. 4-20 December 2011
logo
STMicroelectronics
74LVX16245 STMICROELECTRONICS-74LVX16245 Datasheet
248Kb / 10P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT INPUTS
July 2003
logo
Nexperia B.V. All right...
74LVCH162245A NEXPERIA-74LVCH162245A Datasheet
257Kb / 14P
   16-bit transceiver with direction pin; 30 Ω series termination resistors; 5 V tolerant input/output; 3-state
Rev. 8 - 23 September 2021
74LVC162245A-Q100 NEXPERIA-74LVC162245A-Q100 Datasheet
237Kb / 14P
   16-bit transceiver with direction pin; 30 廓 series termination resistors; 5 V tolerant input/output; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10